Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI7C8150AND Datasheet(PDF) 98 Page - Pericom Semiconductor Corporation

Part # PI7C8150AND
Description  2-PORT PCI-to-PCI BRIDGE
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C8150AND Datasheet(HTML) 98 Page - Pericom Semiconductor Corporation

Back Button PI7C8150AND Datasheet HTML 94Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 95Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 96Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 97Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C8150AND Datasheet HTML 102Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 111 page
background image
PI7C8150A
2-PORT PCI-TO-PCI BRIDGE
Page 98 of 111
APRIL 2006 – Revision 1.1
15.1
BRIDGE ACTIONS FOR VARIOUS CYCLE TYPES
Initiator
Target
Response
Master on Primary
Target on Primary
PI7C8150A does not respond. It detects
this situation by decoding the address as
well as monitoring the P_DEVSEL_L for
other fast and medium devices on the
Primary Port.
Master on Primary
Target on Secondary
PI7C8150A asserts P_DEVSEL_L,
terminates the cycle normally if it is able
to be posted, otherwise return with a retry.
It then passes the cycle to the appropriate
port. When the cycle is complete on the
target port, it will wait for the initiator to
repeat the same cycle and end with normal
termination.
Master on Primary
Target not on Primary nor
Secondary Port
PI7C8150A does not respond and the
cycle will terminate as master abort.
Master on Secondary
Target on the same
Secondary Port
PI7C8150A does not respond.
Master on Secondary
Target on Primary or the
other Secondary Port
PI7C8150A asserts S_DEVSEL_L,
terminates the cycle normally if it is able
to be posted, otherwise returns with a
retry. It then passes the cycle to the
appropriate port. When cycle is complete
on the target port, it will wait for the
initiator to repeat the same cycle and end
with normal termination.
Master on Secondary
Target not on Primary nor
the other Secondary Port
PI7C8150A does not respond.
15.2
ABNORMAL TERMINATION (INITIATED BY BRIDGE
MASTER)
15.2.1
MASTER ABORT
Master abort indicates that when PI7C8150A acts as a master and receives no response
(i.e., no target asserts DEVSEL_L or S_DEVSEL_L) from a target, the bridge de-asserts
FRAME_L and then de-asserts IRDY_L.
15.2.2
PARITY AND ERROR REPORTING
Parity must be checked for all addresses and write data. Parity is defined on the P_PAR,
and S_PAR signals. Parity should be even (i. e. an even number of‘1’s) across AD, CBE,
and PAR. Parity information on PAR is valid the cycle after AD and CBE are valid. For
reads, even parity must be generated using the initiators CBE signals combined with the
read data. Again, the PAR signal corresponds to read data from the previous data phase
cycle.
06-0057



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com