Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 65 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 65 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 61Page - ATMEL Corporation ATAM862 Datasheet HTML 62Page - ATMEL Corporation ATAM862 Datasheet HTML 63Page - ATMEL Corporation ATAM862 Datasheet HTML 64Page - ATMEL Corporation ATAM862 Datasheet HTML 65Page - ATMEL Corporation ATAM862 Datasheet HTML 66Page - ATMEL Corporation ATAM862 Datasheet HTML 67Page - ATMEL Corporation ATAM862 Datasheet HTML 68Page - ATMEL Corporation ATAM862 Datasheet HTML 69Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 110 page
background image
65
4554E–4BMCU–05/06
ATAM862-3
23.3.6
Timer 3 – Mode 11: Biphase Demodulation
In the Biphase demodulation mode, the timer operates like in Manchester demodulation mode.
The difference is that the bits are decoded via a toggle flip-flop. This flip-flop samples the edge in
the middle of the bitframe and the compare register 1 match event shifts the toggle flip-flop out-
put into shift register (see “Combination Mode 9: Biphase Demodulation” on page 90).
Figure 23-11. Biphase Demodulation
23.3.7
Timer 3 – Mode 12: Timer/Counter with External Capture Mode (T3I)
The counter is driven by an internal clock source and an edge at the external input T3I loads the
counter value into the capture register. The edge can be selected with the programmable edge
detector of the timer input stage. This mode can be used for signal and pulse measurements.
Figure 23-12. External Capture Mode
01
1
1
1
01
BIT 0
BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
Synchronize
Biphase demodulation mode
Timer 3
mode
T3EX
Q1=SI
CM31=SCI
SR-DATA
00
0
0
T3I
Reset
Counter 3
10
1
0
1
0
01 2 3 456789 1011
Counter 3
T3CP-
Register
15
T3I
T3R
Capture value = X
Capture value = 17
Capture
value = 35
0
121314 16
20
171819
22
21 23
27
242526
29
28 30
34
313233
36
35 37
41
383940



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com