| Electronic Components Datasheet Search |
|
ATAM862 Datasheet(PDF) 38 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATAM862 Datasheet(HTML) 38 Page - ATMEL Corporation |
|
38 / 110 page ![]() 38 4554E–4BMCU–05/06 ATAM862-3 22.3 Bi-directional Port 5 As all other bi-directional ports, this port includes a bitwise programmable Control Register (P5CR), which allows the individual programming of each port bit as input or output. It also opens up the possibility of reading the pin condition when in output mode. This is a useful fea- ture for self testing and for serial bus applications. The port pins can also be used as external interrupt inputs (see Figure 22-3 and Figure 22-4). The interrupts (INT1 and INT6) can be masked or independently configured to trigger on either edge. The interrupt configuration and port direction is controlled by the Port 5 Control Register (P5CR). An additional low resistance pull-up/pull-down transistor mask option provides an inter- nal bus pull-up for serial bus applications. The Port 5 Data Register (P5DAT) is I/O mapped to the primary address register of address "5"h and the Port 5 Control Register (P5CR) to the corresponding auxiliary register. The P5CR is a byte-wide register and is configured by writing first the low nibble and then the high nibble (see section “Addressing Peripherals” on page 32). Figure 22-3. Bi-directional Port 5 Figure 22-4. Port 5 External Interrupts Master reset Q V DD BP5y Configurable * * P5DATy I/O Bus D IN enable I/O Bus * * Switched pull-up Switched pull-down * Static pull-up (Data out) * * S * V DD Static Pull-down V DD Bidir. Port Data in IN_Enable BP53 P53M2 P53M1 P52M2 P52M1 P51M2 P51M1 P50M2 P50M1 Decoder Decoder Decoder Decoder Bidir. Port Data in IN_Enable BP52 I/O-bus Bidir. Port Data in IN_Enable BP51 I/O-bus Bidir. Port Data in IN_Enable BP50 INT1 INT6 P5CR: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |