Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 37Page - ATMEL Corporation ATAM862 Datasheet HTML 38Page - ATMEL Corporation ATAM862 Datasheet HTML 39Page - ATMEL Corporation ATAM862 Datasheet HTML 40Page - ATMEL Corporation ATAM862 Datasheet HTML 41Page - ATMEL Corporation ATAM862 Datasheet HTML 42Page - ATMEL Corporation ATAM862 Datasheet HTML 43Page - ATMEL Corporation ATAM862 Datasheet HTML 44Page - ATMEL Corporation ATAM862 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 110 page
background image
41
4554E–4BMCU–05/06
ATAM862-3
Table 22-3.
Port 4 Control Register
22.5
Bi-directional Port 6
The bi-directional Port 6 is a bitwise configurable I/O port and provides the external pins for the
Timer 3. As a normal port, it performs in exactly the same way as bi-directional Port 6 (see Fig-
ure 22-5 on page 40). Two additional multiplexes allow data and port direction control to be
passed over to other internal module (Timer 3). The I/O pin for T3I line has an additional mode to
generate a Timer 3 interrupt.
All two Port 6 pins can be individually switched by the P6CR register. Figure 22-5 on page 40
shows the internal interfaces to bi-directional Port 6.
22.5.1
Port 6 Data Register (P6DAT)
Primary register address: "6"hex
22.5.2
Port 6 Control Register (P6CR)
Auxiliary register address: "6"hex
P6xM2, P6xM1 – Port 6x Interrupt mode/direction code
Auxiliary Address: "4"hex
First Write Cycle
Second Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP40 in input mode
x x 1 1
BP42 in input mode
x x 1 0
BP40 in output mode
x x 1 0
BP42 in output mode
x x 0 1
BP40 enable alternate function
(SC for SSI)
x x 0 x
BP42 enable alternate function
(T2O for Timer 2)
x x 0 0
BP40 enable alternate function
(falling edge interrupt input for INT3)
1 1 x x
BP43 in input mode
1 1 x x
BP41 in input mode
1 0 x x
BP43 in output mode
1 0 x x
BP41 in output mode
0 1 x x
BP43 enable alternate function
(SD for SSI)
0 1 x x
BP41 enable alternate function (VMI
for voltage monitor input)
0 0 x x
BP43 enable alternate function (falling
edge interrupt input for INT3)
0 0 x x
BP41 enable alternate function (T2I
external clock input for Timer 2)
––
Bit 3Bit 2Bit 1Bit 0
P6DAT3
- - -
- - -
P6DAT0
Reset value: 1xx1b
Bit 3Bit 2Bit 1Bit 0
P63M2
P63M1
P60M2
P60M0
Reset value: 1111b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com