Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 27Page - ATMEL Corporation ATAM862 Datasheet HTML 28Page - ATMEL Corporation ATAM862 Datasheet HTML 29Page - ATMEL Corporation ATAM862 Datasheet HTML 30Page - ATMEL Corporation ATAM862 Datasheet HTML 31Page - ATMEL Corporation ATAM862 Datasheet HTML 32Page - ATMEL Corporation ATAM862 Datasheet HTML 33Page - ATMEL Corporation ATAM862 Datasheet HTML 34Page - ATMEL Corporation ATAM862 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 110 page
background image
31
4554E–4BMCU–05/06
ATAM862-3
19.3.2
System Configuration Register (SC)
Primary register address: "3"hex
Table 19-4.
Oscillator Select
20. Power-down Modes
The sleep mode is a shut-down condition which is used to reduce the average system power
consumption in applications where the microcontroller is not fully utilized. In this mode, the sys-
tem clock is stopped. The sleep mode is entered via the SLEEP instruction. This instruction sets
the interrupt enable bit (I) in the condition code register to enable all interrupts and stops the
core. During the sleep mode the peripheral modules remain active and are able to generate
interrupts. The microcontroller exits the sleep mode by carrying out any interrupt or a reset.
The sleep mode can only be kept when none of the interrupt pending or active register bits are
set. The application of the $AUTOSLEEP routine ensures the correct function of the sleep
mode. For standard applications use the $AUTOSLEEP routine to enter the power-down mode.
Using the SLEEP instruction instead of the $AUTOSLEEP following an I/O instruction requires
to insert 3 non-I/O instruction cycles (for example NOP NOP NOP) between the IN or OUT com-
mand and the SLEEP command.
The total power consumption is directly proportional to the active time of the microcontroller. For
a rough estimation of the expected average system current consumption, the following formula
should be used:
I
total (VDD, fsyscl) = ISleep + (IDD
× t
active/ttotal)
I
DD depends on VDD and fsyscl
Bit 3Bit 2Bit 1Bit 0
SC: write
BOT
---
OS1
OS0
Reset value: 1x11b
BOT
Brown-Out Threshold
BOT = 1, low brown-out voltage threshold (1.7 V)
BOT = 0, high brown-out voltage threshold (2.0 V)
OS1
Oscillator Select 1
OS0
Oscillator Select 0
Mode
OS1
OS0
Input for SUBCL
Selected Oscillators
11
1
C
in/16
RC-oscillator 1 and external input clock
20
1
C
in/16
RC-oscillator 1 and RC-oscillator 2
31
0
Cin/16
RC-oscillator 1 and 4-MHz crystal oscillator
4
0
0
32 kHz
RC-oscillator 1 and 32-kHz crystal oscillator
Note:
If the bit CCS = 0 in the CM register the RC-oscillator 1 always stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com