Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 62 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 58Page - ATMEL Corporation ATAM862 Datasheet HTML 59Page - ATMEL Corporation ATAM862 Datasheet HTML 60Page - ATMEL Corporation ATAM862 Datasheet HTML 61Page - ATMEL Corporation ATAM862 Datasheet HTML 62Page - ATMEL Corporation ATAM862 Datasheet HTML 63Page - ATMEL Corporation ATAM862 Datasheet HTML 64Page - ATMEL Corporation ATAM862 Datasheet HTML 65Page - ATMEL Corporation ATAM862 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 110 page
background image
62
4554E–4BMCU–05/06
ATAM862-3
23.2.3
Timer 3 – Mode 3: Timer/Counter, Internal Trigger Restart and Internal Capture (with TOG2)
The counter is driven by an internal or external (T3I) clock source. The output toggle signal of
Timer 2 resets the counter. The counter value before the reset is saved in the capture register. If
single-action mode is activated for one ore both compare registers, the trigger signal restarts the
single actions. This mode can be used for frequency measurements or as event counter with
time gate (see “Combination Mode 10: Frequency Measurement or Event Counter with Time
Gate” on page 91).
Figure 23-7. Event Counter with Time Gate
23.2.4
Timer 3 – Mode 4: Timer/Counter
The timer runs as timer/counter in mode 1, but its output T3O is used as output for the Timer 2
output signal.
23.2.5
Timer 3 – Mode 5: Timer/Counter, External Trigger Restart and External Capture (with T3I Input)
The Timer 3 runs as timer/counter in mode 2, but its output T3O is used as output for the Timer
2 output signal.
00 1 2 34567 8 9 10
Counter 3
TOG2
T3CP-
Register
11
0 1
2
40 1
T3I
2
3
T3R
Capture value = 0
Capture value = 11
Capture
value = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com