| Electronic Components Datasheet Search |
|
ATAM862 Datasheet(PDF) 58 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATAM862 Datasheet(HTML) 58 Page - ATMEL Corporation |
|
58 / 110 page ![]() 58 4554E–4BMCU–05/06 ATAM862-3 23. Timer 3 23.1 Features • Two Compare Registers • Capture Register • Edge Sensitive Input with Zero Cross Detection Capability • Trigger and Single Action Modes • Output Control Modes • Automatically Modulation and Demodulation Modes • FSK Modulation • Pulse width Modulation (PWM) • Manchester Demodulation Together with SSI • Biphase Demodulation Together with SSI • Pulse-width Demodulation Together with SSI Figure 23-1. Timer 3 Timer 3 consists of an 8-bit up-counter with two compare registers and one capture register. The timer can be used as event counter, timer and signal generator. Its output can be programmed as modulator and demodulator for the serial interface. The two compare registers enable various modes of signal generation, modulation and demodulation. The counter can be driven by inter- nal and external clock sources. For external clock sources, it has a programmable edge-sensitive input which can be used as counter input, capture signal input or trigger input. This timer input is synchronized with SYSCL. Therefore, in the power-down mode SLEEP (CPU core -> sleep and OSC-Stop -> yes), this timer input is stopped too. The counter is readable via its capture register while it is running. In capture mode, the counter value can be captured by a programmable capture event from the Timer 3 input or Timer 2 output. 8-bit comparator Compare register 1 RES Capture register 8-bit counter Compare register 2 Control C31 C32 Control T3SM1 NQ D T3RM1 T3IM1 T3TM1 TOG2 T3I T3TM2 T3IM2 T3RM2 T3SM2 NQ D CL3 T3EIM TOG3 INT5 CM31 CM32 : T3M1 : T3M2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |