Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 68Page - ATMEL Corporation ATAM862 Datasheet HTML 69Page - ATMEL Corporation ATAM862 Datasheet HTML 70Page - ATMEL Corporation ATAM862 Datasheet HTML 71Page - ATMEL Corporation ATAM862 Datasheet HTML 72Page - ATMEL Corporation ATAM862 Datasheet HTML 73Page - ATMEL Corporation ATAM862 Datasheet HTML 74Page - ATMEL Corporation ATAM862 Datasheet HTML 75Page - ATMEL Corporation ATAM862 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
72
4554E–4BMCU–05/06
ATAM862-3
23.8
Synchronous Serial Interface (SSI)
23.8.1
SSI Features
•With Timer 1
– 2- and 3-wire NRZ
– 2-wire mode multi-chip link mode (MCL), additional internal 2-wire link for multi-chip
packaging solutions
•With Timer 2
– Biphase modulation
– Manchester modulation
– Pulse-width demodulation
– Burst modulation
•With Timer 3
– Pulse-width modulation (PWM)
– FSK modulation
– Biphase demodulation
– Manchester demodulation
– Pulse-width demodulation
– Pulse position Demodulation
23.8.2
SSI Peripheral Configuration
The synchronous serial interface (SSI) can be used either for serial communication with external
devices such as EEPROMs, shift registers, display drivers, other microcontrollers, or as a
means for generating and capturing on-chip serial streams of data. External data communication
takes place via the Port 4 (BP4),a multi-functional port which can be software configured by writ-
ing the appropriate control word into the P4CR register. The SSI can be configured in any of the
following ways:
1.
2-wire external interface for bi-directional data communication with one data terminal
and one shift clock. The SSI uses the Port BP43 as a bi-directional serial data line (SD)
and BP40 as shift clock line (SC).
2.
3-wire external interface for simultaneous input and output of serial data, with a serial
input data terminal (SI), a serial output data terminal (SO) and a shift clock (SC). The
SSI uses BP40 as shift clock (SC), while the serial data input (SI) is applied to BP43
(configured in P4CR as input). Serial output data (SO) in this case is passed through to
BP42 (configured in P4CR to T2O) via the Timer 2 output stage (T2M2 configured in
mode 6).
3.
Timer/SSI combined modes – the SSI used together with Timer 2 or Timer 3 is capable
of performing a variety of data modulation and demodulation functions (see Timer Sec-
tion). The modulating data is converted by the SSI into a continuous serial stream of
data which is in turn modulated in one of the timer functional blocks. Serial demodu-
lated data can be serially captured in the SSI and read by the controller. In the Timer 3
modes 10 and 11 (demodulation modes) the SSI can only be used as demodulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com