Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 38Page - ATMEL Corporation ATAM862 Datasheet HTML 39Page - ATMEL Corporation ATAM862 Datasheet HTML 40Page - ATMEL Corporation ATAM862 Datasheet HTML 41Page - ATMEL Corporation ATAM862 Datasheet HTML 42Page - ATMEL Corporation ATAM862 Datasheet HTML 43Page - ATMEL Corporation ATAM862 Datasheet HTML 44Page - ATMEL Corporation ATAM862 Datasheet HTML 45Page - ATMEL Corporation ATAM862 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
42
4554E–4BMCU–05/06
ATAM862-3
Table 22-4.
Port 6 Control Register
22.6
Universal Timer/Counter/ Communication Module (UTCM)
The Universal Timer/counter/Communication Module (UTCM) consists of three timers
(Timer 1,Timer 2, Timer 3) and a Synchronous Serial Interface (SSI).
• Timer 1 is an interval timer that can be used to generate periodical interrupts and as
prescaler for Timer 2, Timer 3, the serial interface and the watchdog function.
• Timer 2 is an 8/12-bit timer with an external clock input (T2I) and an output (T2O).
• Timer 3 is an 8-bit timer/counter with its own input (T3I) and output (T3O).
• The SSI operates as two wire serial interface or as shift register for modulation and
demodulation. The modulator and demodulator units work together with the timers and shift
the data bits into or out of the shift register.
There is a multitude of modes in which the timers and the serial interface can work together.
Auxiliary Address: "6"hex
Write Cycle
Code
3 2 1 0
Function
Code
3 2 1 0
Function
x x 1 1
BP60 in input mode
1 1 x x
BP63 in input mode
x x 1 0
BP60 in output mode
1 0 x x
BP63 in output mode
x x 0 x
BP60 enable alternate port function
(T3O for Timer 3)
0 x x x
BP63 enable alternate port function
(T3I for Timer 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com