Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 48Page - ATMEL Corporation ATAM862 Datasheet HTML 49Page - ATMEL Corporation ATAM862 Datasheet HTML 50Page - ATMEL Corporation ATAM862 Datasheet HTML 51Page - ATMEL Corporation ATAM862 Datasheet HTML 52Page - ATMEL Corporation ATAM862 Datasheet HTML 53Page - ATMEL Corporation ATAM862 Datasheet HTML 54Page - ATMEL Corporation ATAM862 Datasheet HTML 55Page - ATMEL Corporation ATAM862 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
52
4554E–4BMCU–05/06
ATAM862-3
22.11.2
Timer 2 Output Mode 2
Duty Cycle Burst Generator 1: The DCG output signal (DCGO) is given to the output, and
gated by the output flip-flop (M2)
Figure 22-17. Carrier Frequency Burst Modulation with Timer 2 Toggle Flip-flop Output
22.11.3
Timer 2 Output Mode 3
Duty Cycle Burst Generator 2: The DCG output signal (DCGO) is given to the output, and
gated by the SSI internal data output (SO)
Figure 22-18. Carrier Frequency Burst Modulation with the SSI Data Output
22.11.4
Timer 2 Output Mode 4
Biphase Modulator: Timer 2 modulates the SSI internal data output (SO) to Biphase code
Figure 22-19. Biphase Modulation
1 2 0 120 1 2 3 450 120 12 3 4 5 6 7 8 0 1 234 56 7 8 9 10 0 1 234 5
DCGO
Counter 2
TOG2
M2
T2O
Counter = compare register (=2)
1 20 1 2 0 120 12 012 0 1 2 012 0 1 2 012 01 20 120 12 0 120 1
DCGO
Counter 2
TOG2
SO
T2O
Counter = compare register (=2)
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
TOG2
SC
SO
T2O
00
0
0
0
0
11
010
1
11
1
1
8-bit SR-Data
Bit 7
Bit 0
Data: 00110101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com