Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 85 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 81Page - ATMEL Corporation ATAM862 Datasheet HTML 82Page - ATMEL Corporation ATAM862 Datasheet HTML 83Page - ATMEL Corporation ATAM862 Datasheet HTML 84Page - ATMEL Corporation ATAM862 Datasheet HTML 85Page - ATMEL Corporation ATAM862 Datasheet HTML 86Page - ATMEL Corporation ATAM862 Datasheet HTML 87Page - ATMEL Corporation ATAM862 Datasheet HTML 88Page - ATMEL Corporation ATAM862 Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
85
4554E–4BMCU–05/06
ATAM862-3
24.1.3
Combination Mode 3: Manchester Modulation 1
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2
modulator stage
Timer 2 mode 1, 2, 3 or 4:
8-bit compare counter with 4-bit programmable prescaler
Timer 2 output mode 5:
The modulator 2 of Timer 2 modulates the SSI internal
data output to Manchester code
Figure 24-4. Manchester Modulation 1
24.1.4
Combination Mode 4: Manchester Modulation 2
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 2
modulator stage
Timer 2 mode 3:
8-bit compare counter and 4-bit prescaler
Timer 2 output mode 5:
The modulator 2 of Timer 2 modulates the SSI data output
to Manchester code
The 4-bit stage can be used as prescaler for the SSI to generate the stop signal for modulator 2.
The SSI has a special mode to supply the prescaler with the shift clock. The control output signal
(OMSK) of the SSI is used as stop signal for the modulator. Figure 24-5 shows an example for a
12-bit Manchester telegram.
Figure 24-5. Manchester Modulation 2
TOG2
SC
SO
T2O
00
0
0
0
11
01
01
11
1
1
8-bit SR-data
Bit 7
Bit 0
0
Bit 7
Bit 0
Data: 00110101
00
0
0
00
0
0
12
3
4
012
0
Counter 2/1 = Compare Register 2/1 (= 4)
Bit 7 Bit 6
Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
SCLI
Buffer full
SIR
SO
SC
MSM
Timer 2
Mode 3
SCL
Counter 2/1
OMSK
T2O
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com