Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 72Page - ATMEL Corporation ATAM862 Datasheet HTML 73Page - ATMEL Corporation ATAM862 Datasheet HTML 74Page - ATMEL Corporation ATAM862 Datasheet HTML 75Page - ATMEL Corporation ATAM862 Datasheet HTML 76Page - ATMEL Corporation ATAM862 Datasheet HTML 77Page - ATMEL Corporation ATAM862 Datasheet HTML 78Page - ATMEL Corporation ATAM862 Datasheet HTML 79Page - ATMEL Corporation ATAM862 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
76
4554E–4BMCU–05/06
ATAM862-3
23.8.5
9-bit Shift Mode (MCL)
In the 9-bit shift mode, the SSI is able to handle the MCL protocol (described below). It always
operates as an MCL master device, i.e., SC is always generated and output by the SSI. Both the
MCL start and stop conditions are automatically generated whenever the SSI is activated or
deactivated by the SIR bit. In accordance with the MCL protocol, the output data is always
changed in the clock low phase and shifted in on the high phase.
Before activating the SSI (SIR = 0) and commencing an MCL dialog, the appropriate data direc-
tion for the first word must be set using the SDD control bit. The state of this bit controls the
direction of the data port (BP43 or MCL_SD). Once started, the 8 data bits are, depending on
the selected direction, either clocked into or out of the shift register. During the 9th clock period,
the port direction is automatically switched over so that the corresponding acknowledge bit can
be shifted out or read in. In transmit mode, the acknowledge bit received from the device is cap-
tured in the SSI Status Register (TACK) where it can be read by the controller. In receive mode,
the state of the acknowledge bit to be returned to the device is predetermined by the SSI Status
Register (RACK).
Changing the directional mode (TX/RX) should not be performed during the transfer of an MCL
telegram. One should wait until the end of the telegram which can be detected using the SSI
interrupt (IFN =1) or by interrogating the ACT status.
Once started, a 9-bit telegram will always run to completion and will not be prematurely termi-
nated by the SIR bit. So, if the SIR bit is set to ‘1’ in telegram, the SSI will complete the current
transfer and terminate the dialog with an MCL stop condition.
Figure 23-19. Example of MCL Transmit Dialog
76 54321
7 654 32 10 A
msb
lsb
tx data 1
tx data 2
msb
lsb
Write STB
(tx data 1)
SC
SD
SRDY
ACT
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
0A
Write STB
(tx data 2)
SIR
SDD
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com