Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 96 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 92Page - ATMEL Corporation ATAM862 Datasheet HTML 93Page - ATMEL Corporation ATAM862 Datasheet HTML 94Page - ATMEL Corporation ATAM862 Datasheet HTML 95Page - ATMEL Corporation ATAM862 Datasheet HTML 96Page - ATMEL Corporation ATAM862 Datasheet HTML 97Page - ATMEL Corporation ATAM862 Datasheet HTML 98Page - ATMEL Corporation ATAM862 Datasheet HTML 99Page - ATMEL Corporation ATAM862 Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 110 page
background image
96
4554E–4BMCU–05/06
ATAM862-3
24.6
Serial Interface
The EEPROM uses a two-wire serial interface (TWI) to the microcontroller for read and write
accesses to the data. It is considered to be a slave in all these applications. That means, the
controller has to be the master that initiates the data transfer and provides the clock for transmit
and receive operations.
The serial interface is controlled by the microcontroller which generates the serial clock and con-
trols the access via the SCL line and SDA line. SCL is used to clock the data into and out of the
device. SDA is a bi-directional line that is used to transfer data into and out of the device. The
following protocol is used for the data transfers.
24.6.1
Serial Protocol
• Data states on the SDA line changing only while SCL is low.
• Changes on the SDA line while SCL is high are interpreted as START or STOP condition.
• A START condition is defined as high to low transition on the SDA line while the SCL line is
high.
• A STOP condition is defined as low to high transition on the SDA line while the SCL line is
high.
• Each data transfer must be initialized with a START condition and terminated with a STOP
condition. The START condition wakes the device from standby mode and the STOP
condition returns the device to standby mode.
• A receiving device generates an acknowledge (A) after the reception of each byte. This
requires an additional clock pulse, generated by the master. If the reception was successful
the receiving master or slave device pulls down the SDA-line during that clock cycle. If an
acknowledge is not detected (N) by the interface in transmit mode, it will terminate further
data transmissions and go into receive mode. A master device must finish its read operation
by a non-acknowledge and then send a stop condition to bring the device into a known state.
Figure 24-20. MCL Protocol
• Before the START condition and after the STOP condition the device is in standby mode and
the SDA line is switched as input with pull-up resistor.
• The control byte that follows the START condition determines the following operation. It
consists of the 5-bit row address, 2 mode control bits and the READ/NWRITE bit that is used
to control the direction of the following transfer. A "0" defines a write access and a "1" a read
access.
Start
condition
Data
valid
Data
change
Data/
acknowledge
valid
Stop
condition
SCL
SDA
Stand
by
Stand-
by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com