Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 88 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 84Page - ATMEL Corporation ATAM862 Datasheet HTML 85Page - ATMEL Corporation ATAM862 Datasheet HTML 86Page - ATMEL Corporation ATAM862 Datasheet HTML 87Page - ATMEL Corporation ATAM862 Datasheet HTML 88Page - ATMEL Corporation ATAM862 Datasheet HTML 89Page - ATMEL Corporation ATAM862 Datasheet HTML 90Page - ATMEL Corporation ATAM862 Datasheet HTML 91Page - ATMEL Corporation ATAM862 Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 110 page
background image
88
4554E–4BMCU–05/06
ATAM862-3
24.2.1
Combination Mode 6: FSK Modulation
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 3 mode 8:
FSK modulation with shift register data (SO)
The two compare registers are used to generate two varied time intervals. The SSI data output
selects which compare register is used for the output frequency generation. A "0" level at the
SSI data output enables the compare register 1 and a "1" level enables the compare register 2.
The compare and compare mode registers must be programmed to generate the two frequen-
cies via the output toggle flip-lop. The SSI can be supplied with the toggle signal of Timer 2 or
any other clock source. The Timer 3 counter is driven by an internal or external clock source.
Figure 24-8. FSK Modulation
24.2.2
Combination Mode 7: Pulse-width Modulation (PWM)
SSI mode 1:
8-bit shift register internal data output (SO) to the Timer 3
Timer 3 mode 9:
Pulse-width modulation with the shift register data (SO)
The two compare registers are used to generate two varied time intervals. The SSI data output
selects which compare register is used for the output pulse generation. In this mode, both com-
pare and compare mode registers must be programmed to generate the two pulse width. It is
also useful to enable the single-action mode for extreme duty cycles. Timer 2 is used as
baudrate generator and for the triggered restart of Timer 3. The SSI must be supplied with the
toggle signal of Timer 2. The counter is driven by an internal or external clock source.
Figure 24-9. Pulse-width Modulation
0 1 23 40 123 401 20
Counter 3
CM31
CM32
SO
12 012 0120 12 01 2 0 12 01 20 1234 0
T3R
12
T3O
3
01
0
40
000 0 0 00 00
000 0
Counter 3
CM31
CM32
T3O
00 0 001 234 56 7 8 9 1011121314150 12 345
TOG2
67 8
1
91112
10
14
13
0
2 3
14
15
0
0
0
1
SIR
SO
SCO
T3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com