Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 4Page - ATMEL Corporation ATAM862 Datasheet HTML 5Page - ATMEL Corporation ATAM862 Datasheet HTML 6Page - ATMEL Corporation ATAM862 Datasheet HTML 7Page - ATMEL Corporation ATAM862 Datasheet HTML 8Page - ATMEL Corporation ATAM862 Datasheet HTML 9Page - ATMEL Corporation ATAM862 Datasheet HTML 10Page - ATMEL Corporation ATAM862 Datasheet HTML 11Page - ATMEL Corporation ATAM862 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 110 page
background image
8
4554E–4BMCU–05/06
ATAM862-3
Figure 7-2.
Output Power Measurement
7.4
Application Circuit
For the supply-voltage blocking capacitor C
3, a value of 68 nF/X7R is recommended (see Figure
7-3 on page 9 and Figure 7-4 on page 10). C
1 and C2 are used to match the loop antenna to the
power amplifier where C
1 typically is 22 pF/NP0 and C2 is 10.8 pF/NP0 (18 pF + 27 pF in
series); for C
2 two capacitors in series should be used to achieve a better tolerance value and to
have the possibility to realize the Z
Load,opt by using standard valued capacitors.
C
1 forms together with the pins of PLL transmitter block and the PCB board wires a series reso-
nance loop that suppresses the 1st harmonic, thus, the position of C
1 on the PCB is important.
Normally the best suppression is achieved when C
1 is placed as close as possible to the pins
ANT1 and ANT2.
The loop antenna should not exceed a width of 1.5 mm, otherwise the Q-factor of the loop
antenna is too high.
L
1 (≈ 50 nH to 100 nH) can be printed on PCB. C4 should be selected so the XTO runs on the
load resonance frequency of the crystal. Normally, a value of 12 pF results for a 15 pF
load-capacitance crystal.
~
ANT2
ANT1
Rin
Power
meter
C
1 = 1n
L
1 = 33n
C
2 = 2.2p
Z
Lopt
V
S
Z = 50
Ω
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com