Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 90 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 86Page - ATMEL Corporation ATAM862 Datasheet HTML 87Page - ATMEL Corporation ATAM862 Datasheet HTML 88Page - ATMEL Corporation ATAM862 Datasheet HTML 89Page - ATMEL Corporation ATAM862 Datasheet HTML 90Page - ATMEL Corporation ATAM862 Datasheet HTML 91Page - ATMEL Corporation ATAM862 Datasheet HTML 92Page - ATMEL Corporation ATAM862 Datasheet HTML 93Page - ATMEL Corporation ATAM862 Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 110 page
background image
90
4554E–4BMCU–05/06
ATAM862-3
24.2.4
Combination Mode 9: Biphase Demodulation
SSI mode 1:
8-bit shift register internal data input (SI) and the internal shift clock
(SCI) from the Timer 3
Timer 3 mode 11:
Biphase demodulation with Timer 3
In the Biphase demodulation mode the timer works like in the Manchester demodulation mode.
The difference is that the bits are decoded with the toggle flip-flop. This flip-flop samples the
edge in the middle of the bitframe and the compare register 1 match event shifts the toggle
flip-flop output into shift register. Before activating the demodulation the timer and the demodula-
tion stage must be synchronized with the bitstream. The Biphase code timing consists of parts
with the half bitlength and the complete bitlength. The synchronization routine must start the
demodulator after an interval with the complete bitlength.
The counter can be driven by any internal clock source and the output T3O can be used by
Timer 2 in this mode.
Figure 24-11. Biphase Demodulation
01
1
1
1
01
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Synchronize
Biphase demodulation mode
Timer 3
mode
T3EX
Q1=SI
CM31=SCI
SR-DATA
00
0
0
T3I
Reset
Counter 3
101
0
1
0
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com