Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 43Page - ATMEL Corporation ATAM862 Datasheet HTML 44Page - ATMEL Corporation ATAM862 Datasheet HTML 45Page - ATMEL Corporation ATAM862 Datasheet HTML 46Page - ATMEL Corporation ATAM862 Datasheet HTML 47Page - ATMEL Corporation ATAM862 Datasheet HTML 48Page - ATMEL Corporation ATAM862 Datasheet HTML 49Page - ATMEL Corporation ATAM862 Datasheet HTML 50Page - ATMEL Corporation ATAM862 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
47
4554E–4BMCU–05/06
ATAM862-3
22.8
Timer 2
8-/12-bit Timer for:
• Interrupt, square-wave, pulse and duty cycle generation
• Baud-rate generation for the internal shift register
• Manchester and Biphase modulation together with the SSI
• Carrier frequency generation and modulation together with the SSI
Timer 2 can be used as an interval timer for interrupt generation, as signal generator or as
baud-rate generator and modulator for the serial interface. It consists of a 4-bit and an 8-bit up
counter stage which both have compare registers. The 4-bit counter stages of Timer 2 are cas-
cadable as a 12-bit timer or as an 8-bit timer with 4-bit prescaler. The timer can also be
configured as an 8-bit timer and separate a 4-bit prescaler.
The Timer 2 input can be supplied via the system clock, the external input clock (T2I), the Timer
1 output clock, the Timer 3 output clock or the shift clock of the serial interface. The external
input clock T2I is not synchronized with SYSCL. Therefore, it is possible to use Timer 2 with a
higher clock speed than SYSCL. Furthermore, with that input clock the Timer 2 operates in the
power-down mode SLEEP (CPU core -> sleep and OSC-Stop -> yes) as well as in the
POWER-DOWN (CPU core -> sleep and OSC-Stop -> no). All other clock sources supply no
clock signal in SLEEP if NSTOP = 0. The 4-bit counter stages of Timer 2 have an additional
clock output (POUT).
Its output has a modulator stage that allows the generation of pulses as well as the generation
and modulation of carrier frequencies. The Timer 2 output can modulate with the shift register
data output to generate Biphase- or Manchester code.
If the serial interface is used to modulate a bitstream, the 4-bit stage of Timer 2 has a special
task. The shift register can only handle bitstream lengths divisible by 8. For other lengths, the
4-bit counter stage can be used to stop the modulator after the right bit-count is shifted out.
If the timer is used for carrier frequency modulation, the 4-bit stage works together with an addi-
tional 2-bit duty cycle generator like a 6-bit prescaler to generate carrier frequency and duty
cycle. The 8-bit counter is used to enable and disable the modulator output for a programmable
count of pulses.
For programming the time interval, the timer has a 4-bit and an 8-bit compare register. For pro-
gramming the timer function, it has four mode and control registers. The comparator output of
stage 2 is controlled by a special compare mode register (T2CM). This register contains mask
bits for the actions (counter reset, output toggle, timer interrupt) which can be triggered by a
compare match event or the counter overflow. This architecture enables the timer function for
various modes.
The Timer 2 has a 4-bit compare register (T2CO1) and an 8-bit compare register (T2CO2). Both
these compare registers are cascadable as a 12-bit compare register, or 8-bit compare register
and 4-bit compare register.
For 12-bit compare data value:
m = x +1
0
≤x ≤4095
For 8-bit compare data value:
n = y +1
0
≤y ≤255
For 4-bit compare data value:
l = z +1
0
≤z ≤15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com