Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 20Page - ATMEL Corporation ATAM862 Datasheet HTML 21Page - ATMEL Corporation ATAM862 Datasheet HTML 22Page - ATMEL Corporation ATAM862 Datasheet HTML 23Page - ATMEL Corporation ATAM862 Datasheet HTML 24Page - ATMEL Corporation ATAM862 Datasheet HTML 25Page - ATMEL Corporation ATAM862 Datasheet HTML 26Page - ATMEL Corporation ATAM862 Datasheet HTML 27Page - ATMEL Corporation ATAM862 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 110 page
background image
24
4554E–4BMCU–05/06
ATAM862-3
A power-on reset pulse is generated by a V
DD rise across the default BOT voltage level (1.7 V).
A brown-out reset pulse is generated when V
DD falls below the brown-out voltage threshold. Two
values for the brown-out voltage threshold are programmable via the BOT bit in the SC register.
When the controller runs in the upper supply voltage range with a high system clock frequency,
the high threshold must be used. When it runs with a lower system clock frequency, the low
threshold and a wider supply voltage range may be chosen. For further details, see the electrical
specification and the SC register description for BOT programming.
Figure 17-2. Brown-out Detection
17.1.1
Watchdog Reset
The watchdog’s function can be enabled at the WDC register and triggers a reset with every
watchdog counter overflow. To suppress the watchdog reset, the watchdog counter must be
regularly reset by reading the watchdog register address (CWD). The CPU reacts in exactly the
same manner as a reset stimulus from any of the above sources.
17.1.2
External Clock Supervisor
The external input clock supervisor function can be enabled if the external input clock is selected
within the CM and SC registers of the clock module. The CPU reacts in exactly the same man-
ner as a reset stimulus from any of the above sources.
18. Voltage Monitor
The voltage monitor consists of a comparator with internal voltage reference. It is used to super-
vise the supply voltage or an external voltage at the VMI pin. The comparator for the supply
voltage has three internal programmable thresholds one lower threshold (2.2 V), one middle
threshold (2.6 V) and one higher threshold (3.0 V). For external voltages at the VMI pin, the
comparator threshold is set to V
BG = 1.3 V. The VMS bit indicates if the supervised voltage is
below (VMS = 0) or above (VMS = 1) this threshold. An interrupt can be generated when the
VMS bit is set or reset to detect a rising or falling slope. A voltage monitor interrupt (INT7) is
enabled when the interrupt mask bit (VIM) is reset in the VMC register.
V
DD
CPU
Reset
t
BOT = '1'
2.0 V
1.7 V
CPU
Reset
BOT = '0'
td
td
t
d
= 1.5 ms (typically)
td
BOT = 1, low brown-out voltage threshold 1.7 V (is reset value).
BOT = 0, high brown-out voltage threshold 2.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com