Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 21Page - ATMEL Corporation ATAM862 Datasheet HTML 22Page - ATMEL Corporation ATAM862 Datasheet HTML 23Page - ATMEL Corporation ATAM862 Datasheet HTML 24Page - ATMEL Corporation ATAM862 Datasheet HTML 25Page - ATMEL Corporation ATAM862 Datasheet HTML 26Page - ATMEL Corporation ATAM862 Datasheet HTML 27Page - ATMEL Corporation ATAM862 Datasheet HTML 28Page - ATMEL Corporation ATAM862 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 110 page
background image
25
4554E–4BMCU–05/06
ATAM862-3
Figure 18-1. Voltage Monitor
18.0.1
Voltage Monitor Control/Status Register
Primary register address: "F"hex
VM2:
Voltage monitor Mode bit 2
VM1:
Voltage monitor Mode bit 1
VM0:
Voltage monitor Mode bit 0
Table 18-1.
Voltage Monitor Modes
VIM
Voltage Interrupt Mask bit
VIM = 0, voltage monitor interrupt is enabled
VIM = 1, voltage monitor interrupt is disabled
VMS
Voltage Monitor Status bit
VMS = 0, the voltage at the comparator input is below V
Ref
VMS = 1, the voltage at the comparator input is above V
Ref
V
DD
VM2
Voltage monitor
VM1
VM0
VIM
VMS
-
-
res
OUT
IN
BP41/
VMI
INT7
VMC :
VMST :
Bit 3
Bit 2
Bit 1
Bit 0
VMC: Write
VM2
VM1
VM0
VIM
Reset value: 1111b
VMST: Read
–
–
Reserved
VMS
Reset value: xx11b
VM2
VM1
VM0
Function
1
1
1
Disable voltage monitor
110
External (VIM input), internal reference threshold (1.3 V), interrupt with
negative slope
101
Not allowed
100
External (VMI input), internal reference threshold (1.3 V), interrupt with
positive slope
0
1
1
Internal (supply voltage), high threshold (3.0 V), interrupt with negative slope
010
Internal (supply voltage), middle threshold (2.6 V), interrupt with negative
slope
0
0
1
Internal (supply voltage), low threshold (2.2 V), interrupt with negative slope
000
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com