Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 36Page - ATMEL Corporation ATAM862 Datasheet HTML 37Page - ATMEL Corporation ATAM862 Datasheet HTML 38Page - ATMEL Corporation ATAM862 Datasheet HTML 39Page - ATMEL Corporation ATAM862 Datasheet HTML 40Page - ATMEL Corporation ATAM862 Datasheet HTML 41Page - ATMEL Corporation ATAM862 Datasheet HTML 42Page - ATMEL Corporation ATAM862 Datasheet HTML 43Page - ATMEL Corporation ATAM862 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
40
4554E–4BMCU–05/06
ATAM862-3
22.4
Bi-directional Port 4
The bi-directional Port 4 is a bitwise configurable I/O port and provides the external pins for the
Timer 2, SSI and the voltage monitor input (VMI). As a normal port, it performs in exactly the
same way as bi-directional Port 2 (see Figure 22-5). Two additional multiplexes allow data and
port direction control to be passed over to other internal modules (Timer 2, VM or SSI). The
I/O-pins for SC and SD line have an additional mode to generate an SSI-interrupt.
All four Port 4 pins can be individually switched by the P4CR register. Figure 22-5 shows the
internal interfaces to bi-directional Port 4.
Figure 22-5. Bi-directional Port 4 and Port 6
22.4.1
Port 4 Data Register (P4DAT)
Primary register address: "4"hex
22.4.2
Port 4 Control Register (P4CR) Byte Write
Auxiliary register address: "4"hex
P4xM2, P4xM1 – Port 4x Interrupt mode/direction code
Master reset
Q
V
DD
V
DD
BPxy
Configurable
*
*
PxDATy
I/O Bus
D
I/O Bus
I/O Bus
*
*
Switched
pull-up
Switched
pull-down
*
*
S
PxCRy
S
Q
D
PxMRy
POut
(Direction)
PDir
Intx
*
*
PIn
V
DD
Static
pull-up
Static
pull-down
Bit 3Bit 2Bit 1Bit 0
P4DAT3
P4DAT2
P4DAT1
P4DAT0
Reset value: 1111b
Bit 3Bit 2Bit 1Bit 0
First write cycle
P41M2
P41M1
P40M2
P40M1
Reset value: 1111b
Bit 7Bit 6Bit 5Bit 4
Second write cycle
P43M2
P43M1
P42M2
P42M1
Reset value: 1111b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com