Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 23Page - ATMEL Corporation ATAM862 Datasheet HTML 24Page - ATMEL Corporation ATAM862 Datasheet HTML 25Page - ATMEL Corporation ATAM862 Datasheet HTML 26Page - ATMEL Corporation ATAM862 Datasheet HTML 27Page - ATMEL Corporation ATAM862 Datasheet HTML 28Page - ATMEL Corporation ATAM862 Datasheet HTML 29Page - ATMEL Corporation ATAM862 Datasheet HTML 30Page - ATMEL Corporation ATAM862 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 110 page
background image
27
4554E–4BMCU–05/06
ATAM862-3
If an external input clock is selected, a supervisor circuit monitors the external input and gener-
ates a hardware reset if the external clock source fails or drops below 500 kHz for more than
1ms.
Figure 19-1. Clock Module
Table 19-1.
Clock Modes
The clock module generates two output clocks. One is the system clock (SYSCL) and the other
the periphery (SUBCL). The SYSCL can supply the core and the peripherals and the SUBCL
can supply only the peripherals with clocks. The modes for clock sources are programmable
with the OS1 bit and OS0 bit in the SC register and the CCS bit in the CM register.
19.2
Oscillator Circuits and External Clock Input Stage
The microcontroller block series consists of four different internal oscillators: two RC-oscillators,
one 4-MHz crystal oscillator, one 32-kHz crystal oscillator and one external clock input stage.
19.2.1
RC-oscillator 1 Fully Integrated
For timing insensitive applications, it is possible to use the fully integrated RC oscillator 1. It
operates without any external components and saves additional costs. The RC-oscillator 1 cen-
ter frequency tolerance is better than ±50% over the full temperature and voltage range. The
basic center frequency of the RC-oscillator 1 is f
O ≈
3.8 MHz. The RC oscillator 1 is selected by
default after power-on reset.
Mode
OS1
OS0
Clock Source for SYSCL
Clock Source
for SUBCL
CCS = 1
CCS = 0
1
1
1
RC-oscillator 1 (internal)
External input clock
Cin/16
2
0
1
RC-oscillator 1 (internal)
RC-oscillator 2 with
external trimming
resistor
Cin/16
3
1
0
RC-oscillator 1 (internal)
4-MHz oscillator
C
in/16
4
0
0
RC-oscillator 1 (internal)
32-kHz oscillator
32 kHz
Ext. clock
ExI
n
ExOu
t
Stop
RC oscillator2
RCOut2
Stop
R
Trim
4-MHz oscillator
4Out
Stop
Osci
n
Oscou
t
Osci
n
Oscou
t
32-kHz oscillator
32Out
Osci
n
Oscou
t
RC
oscillator 1
RCOut1
Control
Stop
IN1
IN2
Cin
/2
/2
/2
/2
Divide
r
Sleep
WDL
Osc-
Stop
NSTOP
CCS
CSS1
CSS0
CM:
BOT
- - -
OS1
OS0
SUBCL
SYSCL
SC:
*
OSC1
*
OSC2
*
Configurable
Cin/16
32
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com