Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 51Page - ATMEL Corporation ATAM862 Datasheet HTML 52Page - ATMEL Corporation ATAM862 Datasheet HTML 53Page - ATMEL Corporation ATAM862 Datasheet HTML 54Page - ATMEL Corporation ATAM862 Datasheet HTML 55Page - ATMEL Corporation ATAM862 Datasheet HTML 56Page - ATMEL Corporation ATAM862 Datasheet HTML 57Page - ATMEL Corporation ATAM862 Datasheet HTML 58Page - ATMEL Corporation ATAM862 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
55
4554E–4BMCU–05/06
ATAM862-3
Table 22-9.
Timer 2 Mode Select Bits
22.12.3
Duty Cycle Generator
The duty cycle generator generates duty cycles of 25%, 33% or 50%. The frequency at the duty
cycle generator output depends on the duty cycle and the Timer 2 prescaler setting. The
DCG-stage can also be used as additional programmable prescaler for Timer 2.
Figure 22-22. DCG Output Signals
22.12.4
Timer 2 Mode Register 2 (T2M2)
Address: "7"hex - Subaddress: "2"hex
Mode
T2MS1
T2MS0
Clock Output (POUT)
Timer 2 Modes
1
1
1
4-bit counter overflow (OVF1)
12-bit compare counter; the DCG
has to be bypassed in this mode
2
1
0
4-bit compare output (CM1)
8-bit compare counter with 4-bit
programmable prescaler and duty
cycle generator
3
0
1
4-bit compare output (CM1)
8-bit compare counter clocked by
SYSCL or the external clock input
T2I, 4-bit prescaler run, the
counter 2/1 starts after writing
mode 3
4
0
0
4-bit compare output (CM1)
8-bit compare counter clocked by
SYSCL or the external clock input
T2I, 4-bit prescaler stop and
resets
DCGIN
DCGO0
DCGO1
DCGO2
DCGO3
Bit 3Bit 2Bit 1Bit 0
T2TOP
T2OS2
T2OS1
T2OS0
Reset value: 1111b
T2TOP
Timer 2 Toggle Output Preset
This bit allows the programmer to preset the Timer 2 output T2O.
T2TOP = 0, resets the toggle outputs with the write cycle (M2 = 0)
T2TOP = 1, sets toggle outputs with the write cycle (M2 = 1)
Note: If T2R = 1, no output preset is possible
T2OS2
Timer 2 Output Select bit 2
T2OS1
Timer 2 Output Select bit 1
T2OS0
Timer 2 Output Select bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com