Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 22Page - ATMEL Corporation ATAM862 Datasheet HTML 23Page - ATMEL Corporation ATAM862 Datasheet HTML 24Page - ATMEL Corporation ATAM862 Datasheet HTML 25Page - ATMEL Corporation ATAM862 Datasheet HTML 26Page - ATMEL Corporation ATAM862 Datasheet HTML 27Page - ATMEL Corporation ATAM862 Datasheet HTML 28Page - ATMEL Corporation ATAM862 Datasheet HTML 29Page - ATMEL Corporation ATAM862 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
26
4554E–4BMCU–05/06
ATAM862-3
Figure 18-2. Internal Supply Voltage Supervisor
Figure 18-3. External Input Voltage Supervisor
19. Clock Generation
19.1
Clock Module
The ATAM862-3 contains a clock module with 4 different internal oscillator types: two RC-oscil-
lators, one 4-MHz crystal oscillator and one 32-kHz crystal oscillator. The pins OSC1 and OSC2
are the interface to connect a crystal either to the 4-MHz, or to the 32-kHz crystal oscillator.
OSC1 can be used as input for external clocks or to connect an external trimming resistor for the
RC-oscillator 2. All necessary circuitry, except the crystal and the trimming resistor, is integrated
on-chip. One of these oscillator types or an external input clock can be selected to generate the
system clock (SYSCL).
In applications that do not require exact timing, it is possible to use the fully integrated RC-oscil-
lator 1 without any external components. The RC-oscillator 1 center frequency tolerance is
better than
± 50%. The RC-oscillator 2 is a trimmable oscillator whereby the oscillator frequency
can be trimmed with an external resistor attached between OSC1 and V
DD. In this configuration,
the RC-oscillator 2 frequency can be maintained stable with a tolerance of
± 15% over the full
operating temperature and voltage range.
The clock module is programmable via software with the clock management register (CM) and
the system configuration register (SC). The required oscillator configuration can be selected with
the OS1 bit and the OS0 bit in the SC register. A programmable 4-bit divider stage allows the
adjustment of the system clock speed. A special feature of the clock management is that an
external oscillator may be used and switched on and off via a port pin for the power-down mode.
Before the external clock is switched off, the internal RC-oscillator 1 must be selected with the
CCS bit and then the SLEEP mode may be activated. In this state an interrupt can wake up the
controller with the RC-oscillator, and the external oscillator can be activated and selected by
software. A synchronization stage avoids too short clock periods if the clock source or the clock
speed is changed.
V
DD
Low threshold
Middle threshold
High threshold
VMS = 1
Low threshold
Middle threshold
High threshold
VMS = 0
3.0 V
2.6 V
2.2 V
1.3 V
VMI
VMS = 1
VMS = 0
Positive slope
Negative slope
VMS = 1
VMS = 0
Interrupt negative slope
Interrupt positive slope
Internal reference level
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com