Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 12Page - ATMEL Corporation ATAM862 Datasheet HTML 13Page - ATMEL Corporation ATAM862 Datasheet HTML 14Page - ATMEL Corporation ATAM862 Datasheet HTML 15Page - ATMEL Corporation ATAM862 Datasheet HTML 16Page - ATMEL Corporation ATAM862 Datasheet HTML 17Page - ATMEL Corporation ATAM862 Datasheet HTML 18Page - ATMEL Corporation ATAM862 Datasheet HTML 19Page - ATMEL Corporation ATAM862 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
16
4554E–4BMCU–05/06
ATAM862-3
16.1
Program Memory
The program memory (EEPROM) is programmable with the customer application program dur-
ing the fabrication of the microcontroller. The EEPROM is addressed by a 12-bit wide program
counter, thus predefining a maximum program bank size of 4-Kbytes. The lowest user program
memory address segment is taken up by a 512 bytes Zero page which contains predefined start
addresses for interrupt service routines and special subroutines accessible with single byte
instructions (SCALL).
The corresponding memory map is shown in Figure 16-1. Look-up tables of constants can also
be held in ROM and are accessed via the microcontrollers’ built-in table instruction.
Figure 16-1. ROM Map of the Microcontroller Block
16.2
RAM
The microcontroller block contains a 256 x 4-bit wide static random access memory (RAM),
which is used for the expression stack. The return stack and data memory are used for variables
and arrays. The RAM is addressed by any of the four 8-bit wide RAM address registers SP, RP,
X and Y.
16.2.1
Expression Stack
The 4-bit wide expression stack is addressed with the expression stack pointer (SP). All arith-
metic, I/O and memory reference operations take their operands, and return their results to the
expression stack. The microcontroller performs the operations with the top of stack items (TOS
and TOS-1). The TOS register contains the top element of the expression stack and works in the
same way as an accumulator. This stack is also used for passing parameters between subrou-
tines and as a scratch pad area for temporary storage of data.
16.2.2
Return Stack
The 12-bit wide return stack is addressed by the return stack pointer (RP). It is used for storing
return addresses of subroutines, interrupt routines and for keeping loop index counts. The return
stack can also be used as a temporary storage area.
The microcontroller instruction set supports the exchange of data between the top elements of
the expression stack and the return stack. The two stacks within the RAM have a user definable
location and maximum depth.
EEPROM
(4 K x 8 bit)
Zero page
FFFh
7FFh
1FFh
000h
1F0h
1F8 h
010 h
018 h
000h
008h
020h
1E8h
1E0h
140h
180h
040h
0C 0h
008h
$AUTOSLEEP
$RESET
INT0
INT1
INT2
INT3
INT4
INT5
INT6
INT7
1E0h
1C 0h
100h
080h
page
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com