Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATAM862 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # ATAM862
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAM862 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button ATAM862 Datasheet HTML 70Page - ATMEL Corporation ATAM862 Datasheet HTML 71Page - ATMEL Corporation ATAM862 Datasheet HTML 72Page - ATMEL Corporation ATAM862 Datasheet HTML 73Page - ATMEL Corporation ATAM862 Datasheet HTML 74Page - ATMEL Corporation ATAM862 Datasheet HTML 75Page - ATMEL Corporation ATAM862 Datasheet HTML 76Page - ATMEL Corporation ATAM862 Datasheet HTML 77Page - ATMEL Corporation ATAM862 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 110 page
background image
74
4554E–4BMCU–05/06
ATAM862-3
At the beginning of every telegram, the SSI control loads the transmit buffer into the shift register
and proceeds immediately to shift data serially out. At the same time, incoming data is shifted
into the shift register input. This incoming data is automatically loaded into the receive buffer
when the complete telegram has been received. Thus, data can be simultaneously received and
transmitted if required.
Before data can be transferred, the SSI must first be activated. This is performed by means of
the SSI reset control (SIR) bit. All further operation then depends on the data directional mode
(TX/RX) and the present status of the SSI buffer registers shown by the Serial Interface Ready
Status Flag (SRDY). This SRDY flag indicates the (empty/full) status of either the transmit buffer
(in TX mode), or the receive buffer (in RX mode). The control logic ensures that data shifting is
temporarily halted at any time, if the appropriate receive/transmit buffer is not ready (SRDY = 0).
The SRDY status will then automatically be set back to ‘1’ and data shifting resumed as soon as
the application software loads the new data into the transmit register (in TX mode) or frees the
shift register by reading it into the receive buffer (in RX mode).
A further activity status (ACT) bit indicates the present status of the serial communication. The
ACT bit remains high for the duration of the serial telegram or if MCL stop or start conditions are
currently being generated. Both the current SRDY and ACT status can be read in the SSI status
register. To deactivate the SSI, the SIR bit must be set high.
23.8.4
8-bit Synchronous Mode
Figure 23-16. 8-bit Synchronous Mode
In the 8-bit synchronous mode, the SSI can operate as either a 2- or 3-wire interface (see “SSI
Peripheral Configuration” on page 72). The serial data (SD) is received or transmitted in NRZ
format, synchronized to either the rising or falling edge of the shift clock (SC). The choice of
clock edge is defined by the Serial Mode Control bits (SM0,SM1). It should be noted that the
transmission edge refers to the SC clock edge with which the SD changes. To avoid clock skew
problems, the incoming serial input data is shifted in with the opposite edge.
When used together with one of the timer modulator or demodulator stages, the SSI must be set
in the 8-bit synchronous mode 1.
In RX mode, as soon as the SSI is activated (SIR = 0), 8 shift clocks are generated and the
incoming serial data is shifted into the shift register. This first telegram is automatically trans-
ferred into the receive buffer and the SRDY set to 0 indicating that the receive buffer contains
valid data. At the same time an interrupt (if enabled) is generated. The SSI then continues shift-
ing in the following 8-bit telegram. If, during this time the first telegram has been read by the
controller, the second telegram will also be transferred in the same way into the receive buffer
SC
SC
DATA
SD/TO2
11
0
1
0
1
00
Bit 7
Bit 0
11
0
1
0
1
00
Bit 7
Bit 0
Data: 00110101
(Rising edge)
(Falling edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com