Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 36 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 36 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 32Page - Numonyx B.V M58WT032KB Datasheet HTML 33Page - Numonyx B.V M58WT032KB Datasheet HTML 34Page - Numonyx B.V M58WT032KB Datasheet HTML 35Page - Numonyx B.V M58WT032KB Datasheet HTML 36Page - Numonyx B.V M58WT032KB Datasheet HTML 37Page - Numonyx B.V M58WT032KB Datasheet HTML 38Page - Numonyx B.V M58WT032KB Datasheet HTML 39Page - Numonyx B.V M58WT032KB Datasheet HTML 40Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 117 page
background image
Status Register
M58WTxxxKT, M58WTxxxKB
36/117
7
Status Register
The Status Register provides information on the current or previous program or erase
operations. Issue a Read Status Register command to read the contents of the Status
Register (refer to Section 5.2: Read Status Register command for more details). To output
the contents, the Status Register is latched and updated on the falling edge of the Chip
Enable or Output Enable signals and can be read until Chip Enable or Output Enable
returns to VIH. The Status Register can only be read using single asynchronous or single
synchronous reads. Bus read operations from any address within the bank always read the
Status Register during Program and Erase operations, as long as no Read Array command
has been issued.
The various bits convey information about the status and any errors of the operation. Bits
SR7, SR6, SR2 and SR0 provide information on the status of the device and are set and
reset by the device. Bits SR5, SR4, SR3 and SR1 provide information on errors. TThey are
set by the device but must be reset by issuing a Clear Status Register command or a
hardware reset. If an error bit is set to ‘1’ the Status Register should be reset before issuing
another command. SR7 to SR1 refer to the status of the device while SR0 refers to the
status of the addressed bank.
The bits in the Status Register are summarized in Table 9: Status Register bits. Refer to
Table 9 in conjunction with the descriptions in the following sections.
7.1
Program/Erase Controller status bit (SR7)
The Program/Erase Controller status bit indicates whether the Program/Erase Controller is
active or inactive in any bank. When the Program/Erase Controller status bit is Low (set to
‘0’), the Program/Erase Controller is active; when the bit is High (set to ‘1’), the
Program/Erase Controller is inactive, and the device is ready to process a new command.
The Program/Erase Controller status is Low immediately after a Program/Erase Suspend
command is issued until the Program/Erase Controller pauses. After the Program/Erase
Controller pauses the bit is High.
During program and erase operations the Program/Erase Controller status bit can be polled
to find the end of the operation. Other bits in the Status Register should not be tested until
the Program/Erase Controller completes the operation and the bit is High.
After the Program/Erase Controller completes its operation the erase status, program
status, VPP status and block lock status bits should be tested for errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com