Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 33 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 33 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 29Page - Numonyx B.V M58WT032KB Datasheet HTML 30Page - Numonyx B.V M58WT032KB Datasheet HTML 31Page - Numonyx B.V M58WT032KB Datasheet HTML 32Page - Numonyx B.V M58WT032KB Datasheet HTML 33Page - Numonyx B.V M58WT032KB Datasheet HTML 34Page - Numonyx B.V M58WT032KB Datasheet HTML 35Page - Numonyx B.V M58WT032KB Datasheet HTML 36Page - Numonyx B.V M58WT032KB Datasheet HTML 37Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Command interface - factory program commands
33/117
6.4
Quadruple Enhanced Factory Program command
The Quadruple Enhanced Factory Program command programs one or more pages of four
adjacent words in parallel. The four words must only differ for the addresses A0 and A1.
VPP must be set to VPPH during the Quadruple Enhanced Factory Program, otherwise the
command is ignored and the Status Register does not output any error.
Dual operations are not supported during Quadruple Enhanced Factory Program operations
and the command cannot be suspended.
If the block is protected then the Quadruple Enhanced Factory Program operation aborts,
the data in the block does not change, and the Status Register outputs the error.
The Quadruple Enhanced Factory Program command has four phases: the setup phase,
the load phase where the data is loaded into the buffer, the combined program and verify
phase where the loaded data is programmed to the memory and then automatically checked
and reprogrammed if necessary and the exit phase. Unlike the Enhanced Factory Program it
is not necessary to resubmit the data for the verify phase. The load phase and the program
and verify phase can be repeated to program any number of pages within the block.
6.4.1
Setup phase
The Quadruple Enhanced Factory Program command requires one bus write operation to
initiate the load phase. After the setup command is issued, read operations output the
Status Register data. The Read Status Register command must not be issued or it is
interpreted as data to program.
6.4.2
Load phase
The load phase requires 4 cycles to load the data (refer to Table 8: Factory program
commands and Figure 29: Quadruple enhanced factory program flowchart). Once the first
word of each page is written it is impossible to exit the load phase until all four words have
been written.
Two successive steps are required to issue and execute the load phase of the Quadruple
Enhanced Factory Program command.
1.
Use one bus write operation to latch the start address and the first word of the first
page to be programmed, where the start address is the location of the first data to be
programmed. For subsequent pages the first word address can remain the start
address (in which case the next page is programmed) or can be any address in the
same block. If any address with data FFFFh is given that is not in the same block as the
start address, the device enters the exit phase. For the first load phase Status Register
bit SR7 should be read after the first word has been issued to check that the command
has been accepted (bit SR7 set to ‘0’). This check is not required for subsequent load
phases.
2.
Each subsequent word to be programmed is latched with a new bus write operation.
The address is only checked for the first word of each page as the order of the words to
be programmed is fixed.
The memory is now set to enter the program and verify phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com