Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 18 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 18 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 14Page - Numonyx B.V M58WT032KB Datasheet HTML 15Page - Numonyx B.V M58WT032KB Datasheet HTML 16Page - Numonyx B.V M58WT032KB Datasheet HTML 17Page - Numonyx B.V M58WT032KB Datasheet HTML 18Page - Numonyx B.V M58WT032KB Datasheet HTML 19Page - Numonyx B.V M58WT032KB Datasheet HTML 20Page - Numonyx B.V M58WT032KB Datasheet HTML 21Page - Numonyx B.V M58WT032KB Datasheet HTML 22Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 117 page
background image
Bus operations
M58WTxxxKT, M58WTxxxKB
18/117
3
Bus operations
There are six standard bus operations that control the device. These are bus read, bus
write, address latch, output disable, standby and reset. See Table 4: Bus operations for a
summary.
Typically glitches of less than 5 ns on Chip Enable or Write Enable are ignored by the
memory and do not affect bus write operations.
3.1
Bus read
Bus read operations output the contents of the memory array, the electronic signature, the
Status Register and the common Flash interface. Both Chip Enable and Output Enable must
be at VIL in order to perform a read operation. The Chip Enable input should be used to
enable the device. Output Enable should be used to gate data onto the output. The data
read depends on the previous command written to the memory (see Section 4: Command
interface). See Figures 10, 11, 12 and 13, read AC waveforms, and Tables 23 and 24, read
AC characteristics, for details of when the output becomes valid.
3.2
Bus write
Bus write operations write commands to the memory or latch input data to be programmed.
A bus write operation is initiated when Chip Enable and Write Enable are at VIL with Output
Enable at VIH. Commands, input data and addresses are latched on the rising edge of Write
Enable or Chip Enable, whichever occurs first. The addresses can also be latched prior to
the write operation by toggling Latch Enable. In this case the Latch Enable should be tied to
VIH during the bus write operation.
See Figures 16 and 17, write AC waveforms, and Tables 25 and 26, write AC characteristics
for details of the timing requirements.
3.3
Address Latch
Address latch operations input valid addresses. Both Chip enable and Latch Enable must be
at VIL during address latch operations. The addresses are latched on the rising edge of
Latch Enable.
3.4
Output Disable
The outputs are high impedance when the Output Enable is at VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com