Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 85 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 85 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 81Page - Numonyx B.V M58WT032KB Datasheet HTML 82Page - Numonyx B.V M58WT032KB Datasheet HTML 83Page - Numonyx B.V M58WT032KB Datasheet HTML 84Page - Numonyx B.V M58WT032KB Datasheet HTML 85Page - Numonyx B.V M58WT032KB Datasheet HTML 86Page - Numonyx B.V M58WT032KB Datasheet HTML 87Page - Numonyx B.V M58WT032KB Datasheet HTML 88Page - Numonyx B.V M58WT032KB Datasheet HTML 89Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Block address tables
85/117
118
32
378000-37FFFF
117
32
370000-377FFF
116
32
368000-36FFFF
115
32
360000-367FFF
114
32
358000-35FFFF
113
32
350000-357FFF
112
32
348000-34FFFF
111
32
340000-347FFF
110
32
338000-33FFFF
109
32
330000-337FFF
108
32
328000-32FFFF
107
32
320000-327FFF
106
32
318000-31FFFF
105
32
310000-317FFF
104
32
308000-30FFFF
103
32
300000-307FFF
102
32
2F8000-2FFFFF
101
32
2F0000-2F7FFF
100
32
2E8000-2EFFFF
99
32
2E0000-2E7FFF
98
32
2D8000-2DFFFF
97
32
2D0000-2D7FFF
96
32
2C8000-2CFFFF
95
32
2C0000-2C7FFF
94
32
2B8000-2BFFFF
93
32
2B0000-2B7FFF
92
32
2A8000-2AFFFF
91
32
2A0000-2A7FFF
90
32
298000-29FFFF
89
32
290000-297FFF
88
32
288000-28FFFF
87
32
280000-287FFF
Table 33.
Bottom boot block addresses, M58WT064KB (continued)
Bank(1)
#
Size (Kword)
Address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com