Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 45 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 45 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 41Page - Numonyx B.V M58WT032KB Datasheet HTML 42Page - Numonyx B.V M58WT032KB Datasheet HTML 43Page - Numonyx B.V M58WT032KB Datasheet HTML 44Page - Numonyx B.V M58WT032KB Datasheet HTML 45Page - Numonyx B.V M58WT032KB Datasheet HTML 46Page - Numonyx B.V M58WT032KB Datasheet HTML 47Page - Numonyx B.V M58WT032KB Datasheet HTML 48Page - Numonyx B.V M58WT032KB Datasheet HTML 49Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Configuration Register
45/117
Table 12.
Burst type definition
Start
add
4 words
8 words
16 words
Continuous
burst
Sequential Interleaved Sequential Interleaved
Sequential
Interleaved
0
0-1-2-3
0-1-2-3
0-1-2-3-4-
5-6-7
0-1-2-3-4-5-
6-7
0-1-2-3-4-5-6-
7-8-9-10-11-12-
13-14-15
0-1-2-3-4-5-6-
7-8-9-10-11-
12-13-14-15
0-1-2-3-4-5-6...
1
1-2-3-0
1-0-3-2
1-2-3-4-5-
6-7-0
1-0-3-2-5-4-
7-6
1-2-3-4-5-6-7-
8-9-10-11-12-
13-14-15-0
1-0-3-2-5-4-7-
6-9-8-11-10-
13-12-15-14
1-2-3-4-5-6-7-
...15-WAIT-16-
17-18...
2
2-3-0-1
2-3-0-1
2-3-4-5-6-
7-0-1
2-3-0-1-6-7-
4-5
2-3-4-5-6-7-8-
9-10-11-12-13-
14-15-0-1
2-3-0-1-6-7-4-
5-10-11-8-9-
14-15-12-13
2-3-4-5-6-
7...15-WAIT-
WAIT-16-17-
18...
3
3-0-1-2
3-2-1-0
3-4-5-6-7-
0-1-2
3-2-1-0-7-6-
5-4
3-4-5-6-7-8-9-
10-11-12-13-
14-15-0-1-2
3-2-1-0-7-6-5-
4-11-10-9-8-
15-14-13-12
3-4-5-6-7...15-
WAIT-WAIT-
WAIT-16-17-
18...
...
7
7-4-5-6
7-6-5-4
7-0-1-2-3-
4-5-6
7-6-5-4-3-2-
1-0
7-8-9-10-11-12-
13-14-15-0-1-2-
3-4-5-6
7-6-5-4-3-2-1-
0-15-14-13-
12-11-10-9-8
7-8-9-10-11-12-
13-14-15-WAIT-
WAIT-WAIT-16-
17...
...
12
12-13-14-15-
16-17-18...
13
13-14-15-WAIT-
16-17-18...
14
14-15-WAIT-
WAIT-16-17-
18....
15
15-WAIT-WAIT-
WAIT-16-17-
18...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com