Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 42 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 42 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 38Page - Numonyx B.V M58WT032KB Datasheet HTML 39Page - Numonyx B.V M58WT032KB Datasheet HTML 40Page - Numonyx B.V M58WT032KB Datasheet HTML 41Page - Numonyx B.V M58WT032KB Datasheet HTML 42Page - Numonyx B.V M58WT032KB Datasheet HTML 43Page - Numonyx B.V M58WT032KB Datasheet HTML 44Page - Numonyx B.V M58WT032KB Datasheet HTML 45Page - Numonyx B.V M58WT032KB Datasheet HTML 46Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 117 page
background image
Configuration Register
M58WTxxxKT, M58WTxxxKB
42/117
8.4
Data output configuration bit (CR9)
The data output configuration bit determines whether the output remains valid for one or two
clock cycles. When the data output configuration bit is ’0’ the output data is valid for one
clock cycle. When the data output configuration bit is ’1’ the output data is valid for two clock
cycles.
The data output configuration depends on the condition:
tK > tKQV + tQVK_CPU
where tK is the clock period, tQVK_CPU is the data setup time required by the system CPU
and tKQV is the clock to data valid time. If this condition is not satisfied, the data output
configuration bit should be set to ‘1’ (two clock cycles). Refer to Figure 6: X latency and data
output configuration example.
8.5
Wait configuration bit (CR8)
In burst mode the Wait bit controls the timing of the Wait output pin, WAIT. When WAIT is
asserted, data is not valid and when WAIT is de-asserted, data is valid. When the Wait bit is
’0’ the Wait output pin is asserted during the wait state. When the Wait bit is ’1’ the Wait
output pin is asserted one clock cycle before the wait state.
8.6
Burst type bit (CR7)
The burst type bit configures the sequence of addresses read as sequential or interleaved.
When the burst type bit is ’0’ the memory outputs from interleaved addresses. When the
burst type bit is ’1’ the memory outputs from sequential addresses. See Table 12: Burst type
definition for the sequence of addresses output from a given starting address in each mode.
8.7
Valid clock edge bit (CR6)
The valid clock edge bit, CR6, configures the active edge of the Clock, K, during
synchronous burst read operations. When the valid clock edge bit is ’0’ the falling edge of
the Clock is the active edge. When the Valid Clock Edge bit is ’1’ the rising edge of the Clock
is active.
8.8
Wrap burst bit (CR3)
The burst reads can be confined inside the 4 or 8-word boundary (wrap) or overcome the
boundary (no wrap). The wrap burst bit selects between wrap and no wrap. When the wrap
burst bit is set to ‘0’ the burst read wraps; when it is set to ‘1’ the burst read does not wrap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com