Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 37 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 37 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 33Page - Numonyx B.V M58WT032KB Datasheet HTML 34Page - Numonyx B.V M58WT032KB Datasheet HTML 35Page - Numonyx B.V M58WT032KB Datasheet HTML 36Page - Numonyx B.V M58WT032KB Datasheet HTML 37Page - Numonyx B.V M58WT032KB Datasheet HTML 38Page - Numonyx B.V M58WT032KB Datasheet HTML 39Page - Numonyx B.V M58WT032KB Datasheet HTML 40Page - Numonyx B.V M58WT032KB Datasheet HTML 41Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Status Register
37/117
7.2
Erase suspend status bit (SR6)
The erase suspend status bit indicates that an erase operation has been suspended or is
going to be suspended in the addressed block. When the erase suspend status bit is High
(set to ‘1’), a Program/Erase Suspend command has been issued and the memory is
waiting for a Program/Erase Resume command.
The erase suspend status should only be considered valid when the Program/Erase
Controller status bit is High (Program/Erase Controller inactive). SR7 is set within the erase
suspend latency time of the Program/Erase Suspend command being issued, therefore, the
memory may still complete the operation rather than entering the suspend mode.
When a Program/Erase Resume command is issued the erase suspend status bit returns
Low.
7.3
Erase status bit (SR5)
The erase status bit identifies if the memory has failed to verify that the block has erased
correctly. When the erase status bit is High (set to ‘1’), the Program/Erase Controller has
applied the maximum number of pulses to the block and still failed to verify that it has erased
correctly. The erase status bit should be read once the Program/Erase Controller status bit
is High (Program/Erase Controller inactive).
Once set High, the erase status bit can only be reset Low by a Clear Status Register
command or a hardware reset. If set High it should be reset before a new program or erase
command is issued, otherwise the new command appears to fail.
7.4
Program status bit (SR4)
The program status bit identifies a program failure or an attempt to program a ‘1’ to an
already programmed bit when VPP = VPPH.
When the program status bit is High (set to ‘1’), the Program/Erase Controller has applied
the maximum number of pulses to the byte and still failed to verify that it has programmed
correctly.
After an attempt to program a '1' to an already programmed bit, the program status bit SR4
only goes High (set to '1') if VPP = VPPH (if VPP is different from VPPH, SR4 remains Low (set
to '0') and the attempt is not shown).
The program status bit should be read once the Program/Erase Controller status bit is High
(Program/Erase Controller inactive).
Once set High, the program status bit can only be reset Low by a Clear Status Register
command or a hardware reset. If set High it should be reset before a new command is
issued, otherwise the new command appears to fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com