Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 1 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 1 Page - Numonyx B.V

  M58WT032KB Datasheet HTML 1Page - Numonyx B.V M58WT032KB Datasheet HTML 2Page - Numonyx B.V M58WT032KB Datasheet HTML 3Page - Numonyx B.V M58WT032KB Datasheet HTML 4Page - Numonyx B.V M58WT032KB Datasheet HTML 5Page - Numonyx B.V M58WT032KB Datasheet HTML 6Page - Numonyx B.V M58WT032KB Datasheet HTML 7Page - Numonyx B.V M58WT032KB Datasheet HTML 8Page - Numonyx B.V M58WT032KB Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
March 2008
Rev 2
1/117
1
M58WT032KT M58WT064KT
M58WT032KB M58WT064KB
32- and 64-Mbit (×16, multiple bank, burst)
1.8 V core, 3.0 V I/O supply Flash memories
Features
■ Supply voltage
–VDD = 1.7 V to 2 V for program, erase and
read
–VDDQ = 2.7 V to 3.3 V for I/O buffers
–VPP = 9 V for fast program
■ Synchronous/asynchronous read
– Synchronous burst read mode: 52 MHz
– Asynchronous/synchronous page read
mode
– Random access times: 70 ns
■ Synchronous burst read suspend
■ Programming time
– 10 µs by word typical for fast factory
program
– Double/quadruple word program option
– Enhanced factory program options
■ Memory blocks
– Multiple bank memory array: 4 Mbit banks
– Parameter blocks (top or bottom location)
■ Dual operations
– Program erase in one bank while read in
others
– No delay between read and write
operations
■ Block locking
– All blocks locked at power-up
– Any combination of blocks can be locked
–WP for block lock-down
■ Security
– 128-bit user programmable OTP cells
– 64-bit unique device number
■ Common Flash interface (CFI)
■ 100 000 program/erase cycles per block
■ Electronic signature
– Manufacturer code: 20h
– Device codes:
M58WT032KT (top): 8866h
M58WT032KB (bottom): 8867h
– M58WT064KT (top): 8810h
M58WT064KB (bottom): 8811h
■ ECOPACK® package available
TFBGA88 (ZAQ)
8 × 10 mm
FBGA
www.numonyx.com


Similar Part No. - M58WT032KB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR016KL STMICROELECTRONICS-M58WR016KL Datasheet
80Kb / 10P
16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
30-Jan-2007
logo
Numonyx B.V
M58WR016KL NUMONYX-M58WR016KL Datasheet
2Mb / 123P
16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6E STMICROELECTRONICS-M58WR016KL60ZA6E Datasheet
80Kb / 10P
16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
30-Jan-2007
logo
Numonyx B.V
M58WR016KL60ZA6E NUMONYX-M58WR016KL60ZA6E Datasheet
2Mb / 123P
16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58WR016KL60ZA6U STMICROELECTRONICS-M58WR016KL60ZA6U Datasheet
80Kb / 10P
16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
30-Jan-2007
More results

Similar Description - M58WT032KB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
26-Feb-2007
M58LT128HST STMICROELECTRONICS-M58LT128HST Datasheet
816Kb / 110P
128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
02-Mar-2007
M58WR016KU STMICROELECTRONICS-M58WR016KU Datasheet
80Kb / 10P
16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
30-Jan-2007
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
21-Dec-2006
logo
Numonyx B.V
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LT128HST NUMONYX-M58LT128HST Datasheet
1Mb / 110P
128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58WR016KU NUMONYX-M58WR016KU Datasheet
2Mb / 123P
16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com