Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 81 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 81 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 77Page - Numonyx B.V M58WT032KB Datasheet HTML 78Page - Numonyx B.V M58WT032KB Datasheet HTML 79Page - Numonyx B.V M58WT032KB Datasheet HTML 80Page - Numonyx B.V M58WT032KB Datasheet HTML 81Page - Numonyx B.V M58WT032KB Datasheet HTML 82Page - Numonyx B.V M58WT032KB Datasheet HTML 83Page - Numonyx B.V M58WT032KB Datasheet HTML 84Page - Numonyx B.V M58WT032KB Datasheet HTML 85Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Block address tables
81/117
Table 32.
Top boot block addresses, M58WT064KT
Bank(1)
#
Size (Kword)
Address range
0
4
3FF000-3FFFFF
1
4
3FE000-3FEFFF
2
4
3FD000-3FDFFF
3
4
3FC000-3FCFFF
4
4
3FB000-3FBFFF
5
4
3FA000-3FAFFF
6
4
3F9000-3F9FFF
7
4
3F8000-3F8FFF
8
32
3F0000-3F7FFF
9
32
3E8000-3EFFFF
10
32
3E0000-3E7FFF
11
32
3D8000-3DFFFF
12
32
3D0000-3D7FFF
13
32
3C8000-3CFFFF
14
32
3C0000-3C7FFF
15
32
3B8000-3BFFFF
16
32
3B0000-3B7FFF
17
32
3A8000-3AFFFF
18
32
3A0000-3A7FFF
19
32
398000-39FFFF
20
32
390000-397FFF
21
32
388000-38FFFF
22
32
380000-387FFF
23
32
378000-37FFFF
24
32
370000-377FFF
25
32
368000-36FFFF
26
32
360000-367FFF
27
32
358000-35FFFF
28
32
350000-357FFF
29
32
348000-34FFFF
30
32
340000-347FFF
31
32
338000-33FFFF
32
32
330000-337FFF
33
32
328000-32FFFF
34
32
320000-327FFF
35
32
318000-31FFFF
36
32
310000-317FFF
37
32
308000-30FFFF
38
32
300000-307FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com