Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 77 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 77 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 73Page - Numonyx B.V M58WT032KB Datasheet HTML 74Page - Numonyx B.V M58WT032KB Datasheet HTML 75Page - Numonyx B.V M58WT032KB Datasheet HTML 76Page - Numonyx B.V M58WT032KB Datasheet HTML 77Page - Numonyx B.V M58WT032KB Datasheet HTML 78Page - Numonyx B.V M58WT032KB Datasheet HTML 79Page - Numonyx B.V M58WT032KB Datasheet HTML 80Page - Numonyx B.V M58WT032KB Datasheet HTML 81Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Block address tables
77/117
31
32
138000-13FFFF
32
32
130000-137FFF
33
32
128000-12FFFF
34
32
120000-127FFF
35
32
118000-11FFFF
36
32
110000-117FFF
37
32
108000-10FFFF
38
32
100000-107FFF
39
32
0F8000-0FFFFF
40
32
0F0000-0F7FFF
41
32
0E8000-0EFFFF
42
32
0E0000-0E7FFF
43
32
0D8000-0DFFFF
44
32
0D0000-0D7FFF
45
32
0C8000-0CFFFF
46
32
0C0000-0C7FFF
47
32
0B8000-0BFFFF
48
32
0B0000-0B7FFF
49
32
0A8000-0AFFFF
50
32
0A0000-0A7FFF
51
32
098000-09FFFF
52
32
090000-097FFF
53
32
088000-08FFFF
54
32
080000-087FFF
55
32
078000-07FFFF
56
32
070000-077FFF
57
32
068000-06FFFF
58
32
060000-067FFF
59
32
058000-05FFFF
60
32
050000-057FFF
61
32
048000-04FFFF
62
32
040000-047FFF
Table 30.
Top boot block addresses, M58WT032KT (continued)
Bank(1)
#
Size (Kword)
Address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com