Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 32 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 32 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 28Page - Numonyx B.V M58WT032KB Datasheet HTML 29Page - Numonyx B.V M58WT032KB Datasheet HTML 30Page - Numonyx B.V M58WT032KB Datasheet HTML 31Page - Numonyx B.V M58WT032KB Datasheet HTML 32Page - Numonyx B.V M58WT032KB Datasheet HTML 33Page - Numonyx B.V M58WT032KB Datasheet HTML 34Page - Numonyx B.V M58WT032KB Datasheet HTML 35Page - Numonyx B.V M58WT032KB Datasheet HTML 36Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 117 page
background image
Command interface - factory program commands
M58WTxxxKT, M58WTxxxKB
32/117
2.
Each subsequent word to be programmed is latched with a new bus write operation.
The address can either remain the start address, in which case the P/EC increments
the address location. Or the address can be incremented, in which case the P/EC
jumps to the new address. If any address is given that is not in the same block as the
start address with data FFFFh, the program phase terminates and the verify phase
begins. The Status Register bit SR0 should be read between each bus write cycle to
check that the P/EC is ready for the next word.
3.
Finally, after all words have been programmed, write one bus write operation with data
FFFFh to any address outside the block containing the start address, to terminate the
programming phase. If the data is not FFFFh, the command is ignored.
The memory is now set to enter the verify phase.
6.3.3
Verify phase
The verify phase is similar to the program phase in that all words must be resent to the
memory for them to be checked against the programmed data. The Program/Erase
Controller checks the stream of data with the data that was programmed in the program
phase and reprograms the memory location, if necessary.
Three successive steps are required to execute the verify phase of the command:
1.
Use one bus write operation to latch the start address and the first word to be verified.
The Status Register bit SR0 should be read to check that the Program/Erase Controller
is ready for the next word.
2.
Each subsequent word to be verified is latched with a new bus write operation. The
words must be written in the same order as in the program phase. The address can
remain the start address or be incremented. If any address that is not in the same block
as the start address is given with data FFFFh, the verify phase terminates. Status
Register bit SR0 should be read to check that the P/EC is ready for the next word.
3.
Finally, after all words have been verified, write one bus write operation with data
FFFFh to any address outside the block containing the start address, to terminate the
verify phase.
If the verify phase is successfully completed, the memory remains in read Status Register
mode. If the Program/Erase Controller fails to reprogram a given location, the error is
signaled in the Status Register.
6.3.4
Exit phase
Status Register P/EC bit SR7 set to ‘1’ indicates that the device has returned to read mode.
A full Status Register check should be done to ensure that the block has been successfully
programmed. See Section 7: Status Register for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com