Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 84 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 84 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 80Page - Numonyx B.V M58WT032KB Datasheet HTML 81Page - Numonyx B.V M58WT032KB Datasheet HTML 82Page - Numonyx B.V M58WT032KB Datasheet HTML 83Page - Numonyx B.V M58WT032KB Datasheet HTML 84Page - Numonyx B.V M58WT032KB Datasheet HTML 85Page - Numonyx B.V M58WT032KB Datasheet HTML 86Page - Numonyx B.V M58WT032KB Datasheet HTML 87Page - Numonyx B.V M58WT032KB Datasheet HTML 88Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 117 page
background image
Block address tables
M58WTxxxKT, M58WTxxxKB
84/117
119
32
078000-07FFFF
120
32
070000-077FFF
121
32
068000-06FFFF
122
32
060000-067FFF
123
32
058000-05FFFF
124
32
050000-057FFF
125
32
048000-04FFFF
126
32
040000-047FFF
127
32
038000-03FFFF
128
32
030000-037FFF
129
32
028000-02FFFF
130
32
020000-027FFF
131
32
018000-01FFFF
132
32
010000-017FFF
133
32
008000-00FFFF
134
32
000000-007FFF
1.
There are two bank regions: bank region 1 contains all the banks that are made up of main blocks only;
bank region 2 contains the banks that are made up of the parameter and main blocks (parameter bank).
Table 33.
Bottom boot block addresses, M58WT064KB
Bank(1)
#
Size (Kword)
Address range
134
32
3F8000-3FFFFF
133
32
3F0000-3F7FFF
132
32
3E8000-3EFFFF
131
32
3E0000-3E7FFF
130
32
3D8000-3DFFFF
129
32
3D0000-3D7FFF
128
32
3C8000-3CFFFF
127
32
3C0000-3C7FFF
126
32
3B8000-3BFFFF
125
32
3B0000-3B7FFF
124
32
3A8000-3AFFFF
123
32
3A0000-3A7FFF
122
32
398000-39FFFF
121
32
390000-397FFF
120
32
388000-38FFFF
119
32
380000-387FFF
Table 32.
Top boot block addresses, M58WT064KT (continued)
Bank(1)
#
Size (Kword)
Address range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com