Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 40 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 40 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 36Page - Numonyx B.V M58WT032KB Datasheet HTML 37Page - Numonyx B.V M58WT032KB Datasheet HTML 38Page - Numonyx B.V M58WT032KB Datasheet HTML 39Page - Numonyx B.V M58WT032KB Datasheet HTML 40Page - Numonyx B.V M58WT032KB Datasheet HTML 41Page - Numonyx B.V M58WT032KB Datasheet HTML 42Page - Numonyx B.V M58WT032KB Datasheet HTML 43Page - Numonyx B.V M58WT032KB Datasheet HTML 44Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
Status Register
M58WTxxxKT, M58WTxxxKB
40/117
Table 9.
Status Register bits
Bit
Name
Type
Logic
level(1)
1.
Logic level '1' is High, '0' is Low.
Definition
SR7 P/EC status
Status
'1'
Ready
'0'
Busy
SR6 Erase suspend status
Status
'1'
Erase suspended
'0'
Erase in progress or completed
SR5 Erase status
Error
'1'
Erase error
'0'
Erase success
SR4 Program status
Error
'1'
Program error
'0'
Program success
SR3 VPP status
Error
'1'
VPP invalid, abort
'0'
VPP OK
SR2 Program suspend status
Status
'1'
Program suspended
'0'
Program in progress or completed
SR1 Block protection status
Error
'1'
Program/erase on protected block, abort
'0'
No operation to protected blocks
SR0
Bank write status
Status
'1'
SR7 = ‘1’ Not allowed
SR7 = ‘0’
Program or erase operation in a
bank other than the addressed bank
'0'
SR7 = ‘1’
No program or erase operation in the
device
SR7 = ‘0’
Program or erase operation in
addressed bank
Multiple word program
status (enhanced factory
program mode)
Status
'1'
SR7 = ‘1’ Not allowed
SR7 = ‘0’
The device is NOT ready for the next
word
'0'
SR7 = ‘1’ The device is exiting EFP
SR7 = ‘0’ The device is ready for the next word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com