Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 76 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 76 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 72Page - Numonyx B.V M58WT032KB Datasheet HTML 73Page - Numonyx B.V M58WT032KB Datasheet HTML 74Page - Numonyx B.V M58WT032KB Datasheet HTML 75Page - Numonyx B.V M58WT032KB Datasheet HTML 76Page - Numonyx B.V M58WT032KB Datasheet HTML 77Page - Numonyx B.V M58WT032KB Datasheet HTML 78Page - Numonyx B.V M58WT032KB Datasheet HTML 79Page - Numonyx B.V M58WT032KB Datasheet HTML 80Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 117 page
background image
Block address tables
M58WTxxxKT, M58WTxxxKB
76/117
Appendix A
Block address tables
Table 30.
Top boot block addresses, M58WT032KT
Bank(1)
#
Size (Kword)
Address range
0
4
1FF000-1FFFFF
1
4
1FE000-1FEFFF
2
4
1FD000-1FDFFF
3
4
1FC000-1FCFFF
4
4
1FB000-1FBFFF
5
4
1FA000-1FAFFF
6
4
1F9000-1F9FFF
7
4
1F8000-1F8FFF
8
32
1F0000-1F7FFF
9
32
1E8000-1EFFFF
10
32
1E0000-1E7FFF
11
32
1D8000-1DFFFF
12
32
1D0000-1D7FFF
13
32
1C8000-1CFFFF
14
32
1C0000-1C7FFF
15
32
1B8000-1BFFFF
16
32
1B0000-1B7FFF
17
32
1A8000-1AFFFF
18
32
1A0000-1A7FFF
19
32
198000-19FFFF
20
32
190000-197FFF
21
32
188000-18FFFF
22
32
180000-187FFF
23
32
178000-17FFFF
24
32
170000-177FFF
25
32
168000-16FFFF
26
32
160000-167FFF
27
32
158000-15FFFF
28
32
150000-157FFF
29
32
148000-14FFFF
30
32
140000-147FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com