Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 53 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 53 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 49Page - Numonyx B.V M58WT032KB Datasheet HTML 50Page - Numonyx B.V M58WT032KB Datasheet HTML 51Page - Numonyx B.V M58WT032KB Datasheet HTML 52Page - Numonyx B.V M58WT032KB Datasheet HTML 53Page - Numonyx B.V M58WT032KB Datasheet HTML 54Page - Numonyx B.V M58WT032KB Datasheet HTML 55Page - Numonyx B.V M58WT032KB Datasheet HTML 56Page - Numonyx B.V M58WT032KB Datasheet HTML 57Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Block locking
53/117
11
Block locking
The M58WTxxxKT/B features an instant, individual block locking scheme that enables any
block to be locked or unlocked with no latency. This locking scheme has three levels of
protection.
●
Lock/unlock - this first level allows software-only control of block locking.
●
Lock-down - this second level requires hardware interaction before locking can be
changed.
●
VPP ≤VPPLK - the third level offers a complete hardware protection against program and
erase on all blocks.
The protection status of each block can be set to locked, unlocked, and lock-down. Table 16,
defines all of the possible protection states (WP, DQ1, DQ0), and Appendix C, Figure 26,
shows a flowchart for the locking operations.
11.1
Reading a block’s lock status
The lock status of every block can be read in the read electronic signature mode of the
device. To enter this mode write 90h to the device. Subsequent reads at the address
specified in Table 7 output the protection status of that block. The lock status is represented
by DQ0 and DQ1. DQ0 indicates the block lock/unlock status and is set by the Lock
command and cleared by the Unlock command. It is also automatically set when entering
lock-down. DQ1 indicates the lock-down status and is set by the Lock-Down command. It
cannot be cleared by software, only by a hardware reset or power-down.
The following sections explain the operation of the locking system.
11.2
Locked state
The default status of all blocks on power-up or after a hardware reset is locked (states
(0,0,1) or (1,0,1)). Locked blocks are fully protected from any program or erase. Any
program or erase operations attempted on a locked block returns an error in the Status
Register. The status of a locked block can be changed to unlocked or lock-down using the
appropriate software commands. An unlocked block can be locked by issuing the Lock
command.
11.3
Unlocked state
Unlocked blocks (states (0,0,0), (1,0,0) (1,1,0)), can be programmed or erased. All unlocked
blocks return to the locked state after a hardware reset or when the device is powered-down.
The status of an unlocked block can be changed to locked or locked-down using the
appropriate software commands. A locked block can be unlocked by issuing the Unlock
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com