Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 10 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 6Page - Numonyx B.V M58WT032KB Datasheet HTML 7Page - Numonyx B.V M58WT032KB Datasheet HTML 8Page - Numonyx B.V M58WT032KB Datasheet HTML 9Page - Numonyx B.V M58WT032KB Datasheet HTML 10Page - Numonyx B.V M58WT032KB Datasheet HTML 11Page - Numonyx B.V M58WT032KB Datasheet HTML 12Page - Numonyx B.V M58WT032KB Datasheet HTML 13Page - Numonyx B.V M58WT032KB Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
Description
M58WTxxxKT, M58WTxxxKB
10/117
Figure 1.
Logic diagram
1.
Amax is equal to A20 in the M58WT032KT/B and to A21 in the M58WT064KT/B.
Table 1.
Signal names
Signal name
Function
Direction
A0-Amax(1)
1.
Amax is equal to A20 in the M58WT032KT/B and, to A21 in the M58WT064KT/B.
Address inputs
Inputs
DQ0-DQ15
Data input/outputs, command inputs
I/O
E
Chip Enable
Input
G
Output Enable
Input
W
Write Enable
Input
RP
Reset
Input
WP
Write Protect
Input
K
Clock
Input
L
Latch Enable
Input
WAIT
Wait
Output
VDD
Supply voltage
Input
VDDQ
Supply voltage for input/output buffers
Input
VPP
Optional supply voltage for fast program and erase
Input
VSS
Ground
NC
Not connected internally
AI13420c
A0-Amax(1)
W
DQ0-DQ15
VDD
M58WT032KT
M58WT032KB
M58WT064KT
M58WT064KB
E
VSS
16
G
RP
WP
VDDQ VPP
L
K
WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com