Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 67 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 67 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 63Page - Numonyx B.V M58WT032KB Datasheet HTML 64Page - Numonyx B.V M58WT032KB Datasheet HTML 65Page - Numonyx B.V M58WT032KB Datasheet HTML 66Page - Numonyx B.V M58WT032KB Datasheet HTML 67Page - Numonyx B.V M58WT032KB Datasheet HTML 68Page - Numonyx B.V M58WT032KB Datasheet HTML 69Page - Numonyx B.V M58WT032KB Datasheet HTML 70Page - Numonyx B.V M58WT032KB Datasheet HTML 71Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
DC and AC parameters
67/117
Figure 15.
Clock input AC waveform
Table 24.
Synchronous read AC characteristics(1) (2)
1.
Sampled only, not 100% tested.
2.
For other timings please refer to Table 23: Asynchronous read AC characteristics.
Symbol
Alt
Parameter
Value
Unit
tAVKH
tAVCLKH
Address Valid to Clock High
Min
9
ns
tELKH
tELCLKH
Chip Enable Low to Clock High
Min
9
ns
tELTV
Chip Enable Low to Wait Valid
Max
20
ns
tEHEL
Chip Enable Pulse Width (subsequent
synchronous reads)
Min
20
ns
tEHTZ
Chip Enable High to Wait Hi-Z
Max
20
ns
tKHAX
tCLKHAX
Clock High to Address Transition
Min
10
ns
tKHQV
tKHTV
tCLKHQV
Clock High to Output Valid
Clock High to WAIT Valid
Max
17
ns
tKHQX
tKHTX
tCLKHQX
Clock High to Output Transition
Clock High to WAIT Transition
Min
3
ns
tLLKH
tADVLCLKH
Latch Enable Low to Clock High
Min
9
ns
tKHKH
tCLK
Clock Period (f=52MHz)
Min
19
ns
tKHKL
tKLKH
Clock High to Clock Low
Clock Low to Clock High
Min
9.5
ns
tf
tr
Clock Fall or Rise Time
Max
3
ns
AI06981
tKHKH
tf
tr
tKHKL
tKLKH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com