Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 46 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 46 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 42Page - Numonyx B.V M58WT032KB Datasheet HTML 43Page - Numonyx B.V M58WT032KB Datasheet HTML 44Page - Numonyx B.V M58WT032KB Datasheet HTML 45Page - Numonyx B.V M58WT032KB Datasheet HTML 46Page - Numonyx B.V M58WT032KB Datasheet HTML 47Page - Numonyx B.V M58WT032KB Datasheet HTML 48Page - Numonyx B.V M58WT032KB Datasheet HTML 49Page - Numonyx B.V M58WT032KB Datasheet HTML 50Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 117 page
background image
Configuration Register
M58WTxxxKT, M58WTxxxKB
46/117
0
0-1-2-3
0-1-2-3-4-
5-6-7
0-1-2-3-4-5-6-
7-8-9-10-11-12-
13-14-15
Same as for
Wrap
(Wrap /No Wrap
has no effect on
Continuous
Burst)
1
1-2-3-4
1-2-3-4-5-
6-7-8
1-2-3-4-5-6-7-
8-9-10-11-12-
13-14-15-
WAIT-16
2
2-3-4-5
2-3-4-5-6-
7-8-9...
2-3-4-5-6-7-8-
9-10-11-12-13-
14-15-WAIT-
WAIT-16-17
3
3-4-5-6
3-4-5-6-7-
8-9-10
3-4-5-6-7-8-9-
10-11-12-13-
14-15-WAIT-
WAIT-WAIT-
16-17-18
...
7
7-8-9-10
7-8-9-10-
11-12-13-
14
7-8-9-10-11-12-
13-14-15-
WAIT-WAIT-
WAIT-16-17-
18-19-20-21-22
...
12
12-13-14-
15
12-13-14-
15-16-17-
18-19
12-13-14-15-
16-17-18-19-
20-21-22-23-
24-25-26-27
13
13-14-15-
WAIT-16
13-14-15-
WAIT-16-
17-18-19-
20
13-14-15-
WAIT-16-17-
18-19-20-21-
22-23-24-25-
26-27-28
14
14-15-
WAIT-
WAIT-16-
17
14-15-
WAIT-
WAIT-16-
17-18-19-
20-21
14-15-WAIT-
WAIT-16-17-
18-19-20-21-
22-23-24-25-
26-27-28-29
15
15-WAIT-
WAIT-
WAIT-16-
17-18
15-WAIT-
WAIT-
WAIT-16-
17-18-19-
20-21-22
15-WAIT-
WAIT-WAIT-
16-17-18-19-
20-21-22-23-
24-25-26-27-
28-29-30
Table 12.
Burst type definition (continued)
Start
add
4 words
8 words
16 words
Continuous
burst
Sequential Interleaved Sequential Interleaved
Sequential
Interleaved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com