Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 47 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 47 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 43Page - Numonyx B.V M58WT032KB Datasheet HTML 44Page - Numonyx B.V M58WT032KB Datasheet HTML 45Page - Numonyx B.V M58WT032KB Datasheet HTML 46Page - Numonyx B.V M58WT032KB Datasheet HTML 47Page - Numonyx B.V M58WT032KB Datasheet HTML 48Page - Numonyx B.V M58WT032KB Datasheet HTML 49Page - Numonyx B.V M58WT032KB Datasheet HTML 50Page - Numonyx B.V M58WT032KB Datasheet HTML 51Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Configuration Register
47/117
Figure 6.
X latency and data output configuration example
1.
Amax is equal to A20 in the M58WT032KT/B and to A21 in the M58WT064KT/B.
2.
Settings shown: X latency = 4, data output held for one clock cycle.
Figure 7.
Wait configuration example
1.
Amax is equal to A20 in the M58WT032KT/B and, to A21 in the M58WT064KT/B.
Ai13422b
Amax-A0(1)
VALID ADDRESS
K
L
DQ15-DQ0
VALID DATA
X-latency
VALID DATA
tK
tQVK_CPU
tKQV
1st cycle
2nd cycle
3rd cycle
4th cycle
E
AI13423b
Amax-A0(1)
VALID ADDRESS
K
L
DQ15-DQ0
VALID DATA
WAIT
CR8 = '0'
CR10 = '0'
WAIT
CR8 = '1'
CR10 = '0'
VALID DATA
NOT VALID
VALID DATA
E
WAIT
CR8 = '0'
CR10 = '1'
WAIT
CR8 = '1'
CR10 = '1'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com