Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 75 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 75 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 71Page - Numonyx B.V M58WT032KB Datasheet HTML 72Page - Numonyx B.V M58WT032KB Datasheet HTML 73Page - Numonyx B.V M58WT032KB Datasheet HTML 74Page - Numonyx B.V M58WT032KB Datasheet HTML 75Page - Numonyx B.V M58WT032KB Datasheet HTML 76Page - Numonyx B.V M58WT032KB Datasheet HTML 77Page - Numonyx B.V M58WT032KB Datasheet HTML 78Page - Numonyx B.V M58WT032KB Datasheet HTML 79Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Part numbering
75/117
16
Part numbering
Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of
available options (speed, etc.) or for further information on any aspect of this device, please
contact the nearest Numonyx sales office.
Table 29.
Ordering information scheme
Example:
M58WT032KT
70 ZAQ 6 E
Device type
M58
Architecture
W = Multiple bank, burst mode
Operating voltage
T = VDD = 1.8 V to 2 V ; VDDQ = 2.7 V to 3.3 V
Density
032 = 32 Mbit (×16)
064 = 64 Mbit (×16)
Technology
K = 65 nm technology
Parameter bank location
T = top boot
B = bottom boot
Speed
70 = 70 ns
Package
ZAQ = TFBGA88 8 × 10 mm, 0.80 mm pitch, quadruple
stacked footprint
Temperature range
6 = –40 to 85 °C
Options
E = ECOPACK® package, standard packing
F = ECOPACK® package, tape and reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com