Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 39 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 39 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 35Page - Numonyx B.V M58WT032KB Datasheet HTML 36Page - Numonyx B.V M58WT032KB Datasheet HTML 37Page - Numonyx B.V M58WT032KB Datasheet HTML 38Page - Numonyx B.V M58WT032KB Datasheet HTML 39Page - Numonyx B.V M58WT032KB Datasheet HTML 40Page - Numonyx B.V M58WT032KB Datasheet HTML 41Page - Numonyx B.V M58WT032KB Datasheet HTML 42Page - Numonyx B.V M58WT032KB Datasheet HTML 43Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Status Register
39/117
7.8
Bank write/multiple word program status bit (SR0)
The bank write status bit indicates whether the addressed bank is programming or erasing.
In enhanced factory program mode the multiple word program bit shows if a word has
finished programming or verifying depending on the phase. The bank write status bit should
only be considered valid when the Program/Erase Controller status SR7 is Low (set to ‘0’).
When both the Program/Erase Controller status bit and the bank write status bit are Low (set
to ‘0’), the addressed bank is executing a program or erase operation. When the
Program/Erase Controller status bit is Low (set to ‘0’) and the bank write status bit is High
(set to ‘1’), a program or erase operation is being executed in a bank other than the one
being addressed.
In enhanced factory program mode if the multiple word program status bit is Low (set to ‘0’),
the device is ready for the next word. If the multiple word program status bit is High (set to
‘1’) the device is not ready for the next word.
Refer to Appendix C: Flowcharts and pseudo codes for using the Status Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com