Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 30 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 30 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 26Page - Numonyx B.V M58WT032KB Datasheet HTML 27Page - Numonyx B.V M58WT032KB Datasheet HTML 28Page - Numonyx B.V M58WT032KB Datasheet HTML 29Page - Numonyx B.V M58WT032KB Datasheet HTML 30Page - Numonyx B.V M58WT032KB Datasheet HTML 31Page - Numonyx B.V M58WT032KB Datasheet HTML 32Page - Numonyx B.V M58WT032KB Datasheet HTML 33Page - Numonyx B.V M58WT032KB Datasheet HTML 34Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 117 page
background image
Command interface - factory program commands
M58WTxxxKT, M58WTxxxKB
30/117
6.2
Quadruple Word Program command
The Quadruple Word Program command improves the programming throughput by writing a
page of four adjacent words in parallel. The four words must only differ for the addresses A0
and A1.
VPP must be set to VPPH during Quadruple Word Program, otherwise the command is
ignored and the Status Register does not output any error.
If the block is protected, then the Quadruple Word Program operation aborts, the data in the
block does not change, and the Status Register outputs the error.
Five bus write cycles are necessary to issue the Quadruple Word Program command:
●
The first bus cycle sets up the Double Word Program command.
●
The second bus cycle latches the address and the data of the first word to be written.
●
The third bus cycle latches the address and the data of the second word to be written.
●
The fourth bus cycle latches the address and the data of the third word to be written.
●
The fifth bus cycle latches the address and the data of the fourth word to be written and
starts the Program/Erase Controller.
Read operations to the bank being programmed output the Status Register content after the
programming has started.
Programming aborts if Reset goes to VIL. As data integrity cannot be guaranteed when the
program operation is aborted, the memory locations must be reprogrammed.
During Quadruple Word Program operations the bank being programmed only accepts the
Read Array, Read Status Register, Read Electronic Signature and Read CFI Query
commands; all other commands are ignored.
Dual operations are not supported during quadruple word program operations and the
command cannot be suspended. Typical program times are given in Table 17:
Program/erase times and endurance cycles.
See Appendix C, Figure 22: Quadruple word program flowchart and pseudo code for the
flowchart for using the Quadruple Word Program command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com