Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 73 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 73 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 69Page - Numonyx B.V M58WT032KB Datasheet HTML 70Page - Numonyx B.V M58WT032KB Datasheet HTML 71Page - Numonyx B.V M58WT032KB Datasheet HTML 72Page - Numonyx B.V M58WT032KB Datasheet HTML 73Page - Numonyx B.V M58WT032KB Datasheet HTML 74Page - Numonyx B.V M58WT032KB Datasheet HTML 75Page - Numonyx B.V M58WT032KB Datasheet HTML 76Page - Numonyx B.V M58WT032KB Datasheet HTML 77Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Package mechanical
73/117
15
Package mechanical
To meet environmental requirements, Numonyx offers the M58WTxxxKT/B in ECOPACK®
packages, which have a lead-free, second-level interconnect. In compliance with JEDEC
Standard JESD97, the category of second-level interconnect is marked on the package and
on the inner box label.
The maximum ratings related to soldering conditions are also marked on the inner box label.
Figure 19.
TFBGA88 8 × 10 mm, 8 × 10 ball array, 0.8 mm, package outline
1.
Drawing is not to scale.
A2
A1
A
BGA-Z42
ddd
D
E
e
b
SE
FD
E2
D1
SD
BALL "A1"
E1
FE
FE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com