Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 43 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 43 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 39Page - Numonyx B.V M58WT032KB Datasheet HTML 40Page - Numonyx B.V M58WT032KB Datasheet HTML 41Page - Numonyx B.V M58WT032KB Datasheet HTML 42Page - Numonyx B.V M58WT032KB Datasheet HTML 43Page - Numonyx B.V M58WT032KB Datasheet HTML 44Page - Numonyx B.V M58WT032KB Datasheet HTML 45Page - Numonyx B.V M58WT032KB Datasheet HTML 46Page - Numonyx B.V M58WT032KB Datasheet HTML 47Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 117 page
background image
M58WTxxxKT, M58WTxxxKB
Configuration Register
43/117
8.9
Burst length bits (CR2-CR0)
The burst length bits set the number of words to be output during a synchronous burst read
operation as result of a single address latch cycle. They can be set for 4 words, 8 words, 16
words or continuous burst, where all the words are read sequentially.
In continuous burst mode the burst sequence can cross bank boundaries.
In continuous burst mode or in 4, 8, 16 words no-wrap, depending on the starting address,
the device asserts the WAIT output to indicate that a delay is necessary before the data is
output.
If the starting address is aligned to a 4 word boundary no wait states are needed and the
WAIT output is not asserted.
If the starting address is shifted by 1, 2 or 3 positions from the 4-word boundary, WAIT is
asserted for 1, 2 or 3 clock cycles when the burst sequence crosses the first 16 word
boundary to indicate that the device needs an internal delay to read the successive words in
the array. WAIT is asserted only once during a continuous burst access. See also Table 12:
Burst type definition.
CR14, CR5 and CR4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com