Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WT032KB Datasheet(PDF) 54 Page - Numonyx B.V

Part # M58WT032KB
Description  32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WT032KB Datasheet(HTML) 54 Page - Numonyx B.V

Back Button M58WT032KB Datasheet HTML 50Page - Numonyx B.V M58WT032KB Datasheet HTML 51Page - Numonyx B.V M58WT032KB Datasheet HTML 52Page - Numonyx B.V M58WT032KB Datasheet HTML 53Page - Numonyx B.V M58WT032KB Datasheet HTML 54Page - Numonyx B.V M58WT032KB Datasheet HTML 55Page - Numonyx B.V M58WT032KB Datasheet HTML 56Page - Numonyx B.V M58WT032KB Datasheet HTML 57Page - Numonyx B.V M58WT032KB Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 117 page
background image
Block locking
M58WTxxxKT, M58WTxxxKB
54/117
11.4
Lock-down state
Blocks that are locked-down (state (0,1,x)) are protected from program and erase operations
(as for locked blocks) but their protection status cannot be changed using software
commands alone. A locked or unlocked block can be locked-down by issuing the Lock-Down
command. Locked-down blocks revert to the locked state when the device is reset or
powered-down.
The lock-down function is dependent on the WP input pin. When WP=0 (VIL), the blocks in
the lock-down state (0,1,x) are protected from program, erase and protection status
changes. When WP=1 (VIH) the lock-down function is disabled (1,1,x) and locked-down
blocks can be individually unlocked to the (1,1,0) state by issuing the software command,
where they can be erased and programmed. These blocks can then be re-locked (1,1,1) and
unlocked (1,1,0) as desired while WP remains high. When WP is Low, blocks that were
previously locked-down return to the lock-down state (0,1,x) regardless of any changes
made while WP was High. Device reset or power-down resets all blocks, including those in
lock-down, to the locked state.
11.5
Locking operations during erase suspend
Changes to block lock status can be performed during an erase suspend by using the
standard locking command sequences to unlock, lock or lock down a block. This is useful in
the case when another block needs to be updated while an erase operation is in progress.
To change block locking during an erase operation, first write the Erase Suspend command,
then check the status register until it indicates that the erase operation has been
suspended. Next ,write the desired lock command sequence to a block and the lock status
changes. After completing any desired lock, read, or program operations, resume the erase
operation with the Erase Resume command.
If a block is locked or locked down during an erase suspend of the same block, the locking
status bits change immediately. But when the erase is resumed, the erase operation
completes. Locking operations cannot be performed during a program suspend. Refer to
Appendix D: Command interface state tables for detailed information on which commands
are valid during erase suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com